Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 4Page - Texas Instruments AMC3302 Datasheet HTML 5Page - Texas Instruments AMC3302 Datasheet HTML 6Page - Texas Instruments AMC3302 Datasheet HTML 7Page - Texas Instruments AMC3302 Datasheet HTML 8Page - Texas Instruments AMC3302 Datasheet HTML 9Page - Texas Instruments AMC3302 Datasheet HTML 10Page - Texas Instruments AMC3302 Datasheet HTML 11Page - Texas Instruments AMC3302 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
6.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD = 3.0 V to 5.5 V, INP = –50 mV to +50 mV,
INN = HGND = 0 V, and the external components listed in the Typical Application section; typical specifications are at TA =
25°C, and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
RIN
Single-ended input resistance
INN = HGND
4.75
kΩ
RIND
Differential input resistance
4.9
IIB
Input bias current
INP = INN = HGND; IIB = (IIBP +
IIBN) / 2
–48.5
–36
–28.5
µA
IIO
Input offset current
IIO = IIBP – IIBN; INP = INN = HGND
±10
nA
CIN
Single-ended input capacitance
INN = HGND, fIN = 275 kHz
4
pF
CIND
Differential input capacitance
fIN = 275 kHz
2
pF
ANALOG OUTPUT
Nominal gain
41
V/V
VCMout
Common-mode output voltage
1.39
1.44
1.49
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP – VOUTN);
|VIN| = |VINP – VINN| > VClipping
–2.52
±2.49
2.52
V
VFailsafe
Failsafe differential output voltage
VOUT = (VOUTP – VOUTN);
VDCDC_OUT ≤ VDCDCUV, or
VHLDO_OUT ≤ VHLDOUV
–2.63
–2.57
–2.53
V
BW
Output bandwidth
290
340
kHz
ROUT
Output resistance
On OUTP or OUTN
0.2
Ω
Output short-circuit current
On OUTP or OUTN, sourcing or
sinking, INP = INN = HGND, outputs
shorted to either GND or VDD
14
mA
CMTI
Common-mode transient immunity
|HGND – GND| = 2 kV
95
155
kV/µs
ACCURACY
VOS
Input offset voltage(1) (2)
TA = 25°C, INP = INN = HGND
–50
±15
50
µV
TCVOS
Input offset drift (1) (2) (4)
–0.5
±0.1
0.5
uV/°C
EG
Gain error(1)
TA = 25°C
–0.2%
±0.04%
0.2%
TCEG
Gain error drift(1) (5)
–35
±10
35
ppm/°C
Nonlinearity (1)
–0.03%
±0.002%
0.03%
SNR
Signal-to-noise ratio
VIN = 0.1 VPP, fIN = 1 kHz, BW = 10
kHz, 10 kHz filter
77
81
dB
VIN = 0.1 VPP, fIN = 10 kHz,
BW = 100 kHz, 1 MHz filter
70
THD
Total harmonic distortion(3)
VIN = 0.1 Vpp, fIN = 10 kHz,
BW = 100 kHz
–85
dB
Output noise
INP = INN = HGND, fIN = 0 Hz,
BW = 100 kHz
340
µVRMS
CMRR
Common-mode rejection ratio
fIN = 0 Hz, VCM min ≤ VCM ≤VCM max
–101
dB
fIN = 10 kHz, VCM min ≤ VCM ≤VCM max
–101
PSRR
Power-supply rejection ratio
VDD from 3.0 V to 5.5 V, at dc, input
referred
–120
dB
INP = INN = HGND, VDD from 3.0
V to 5.5 V, 10 kHz / 100 mV ripple,
input referred
–108
AMC3302-Q1
SBASA84A – FEBRUARY 2021 – REVISED JULY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3302-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com