Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 24Page - Texas Instruments AMC3302 Datasheet HTML 25Page - Texas Instruments AMC3302 Datasheet HTML 26Page - Texas Instruments AMC3302 Datasheet HTML 27Page - Texas Instruments AMC3302 Datasheet HTML 28Page - Texas Instruments AMC3302 Datasheet HTML 29Page - Texas Instruments AMC3302 Datasheet HTML 30Page - Texas Instruments AMC3302 Datasheet HTML 31Page - Texas Instruments AMC3302 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
10 Layout
10.1 Layout Guidelines
Figure 10-1 shows a layout recommendation with the critical placement of the decoupling capacitors (as close as
possible to the AMC3302-Q1 supply pins) and placement of the other components required by the device. For
best performance, place the shunt resistor close to the INP and INN inputs of the AMC3302-Q1 and keep the
layout of both connections symmetrical.
To avoid errors in the measurement caused by the input bias currents of the AMC3302-Q1, connect the high-
side ground pin (HGND) to the IIN-side of the shunt resistor. Use a separate trace in the layout to make this
connection to maintain equal currents in the IIN and INP traces.
10.2 Layout Example
R4
R2
AMC3302-Q1
Clearance area, to be
kept free of any
conductive materials.
To MCU I/O (optional)
GND
INP
INN
3.3-V or 5-V supply
HGND
VDD
DIAG
Top Metal
Inner or Bottom Layer Metal
Via
OUTP
OUTN
To analog filter / ADC / MCU
To analog filter / ADC / MCU
C3
C2
C1
C5
C6
FB2
FB1
FB3
Figure 10-1. Recommended Layout of the AMC3302-Q1
AMC3302-Q1
SBASA84A – FEBRUARY 2021 – REVISED JULY 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3302-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com