Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 18Page - Texas Instruments AMC3302 Datasheet HTML 19Page - Texas Instruments AMC3302 Datasheet HTML 20Page - Texas Instruments AMC3302 Datasheet HTML 21Page - Texas Instruments AMC3302 Datasheet HTML 22Page - Texas Instruments AMC3302 Datasheet HTML 23Page - Texas Instruments AMC3302 Datasheet HTML 24Page - Texas Instruments AMC3302 Datasheet HTML 25Page - Texas Instruments AMC3302 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The low analog input voltage range, excellent accuracy, and low temperature drift make the AMC3302-Q1 a
high-performance solution for automotive applications where shunt-based current sensing in the presence of
high common-mode voltage levels is required.
8.2 Typical Application
The AMC3302-Q1 is ideally suited for shunt-based, current-sensing applications where accurate current
monitoring is required in the presence of high common-mode voltages. The AMC3302-Q1 integrates an isolated
power supply for the high-voltage side and therefore makes the device particularly easy to use in applications
that do not have a high-side supply readily available or where a high-side supply is referenced to a different
ground potential than the signal to be measured.
Figure 8-1 shows a simplified schematic using the AMC3302-Q1 to measure the output current of a PFC stage
of an onboard charger (OBC). At this location in the system, there is no supply readily available for powering
the high-side of the isolated amplifier. The integrated isolated power supply solves this problem and, together
with its bipolar input voltage range, makes the AMC3302-Q1 ideally suited for bidirectional current sensing.
In this example, the AC line-voltage is sensed by the AMC3330-Q1 on the grid-side where there is also no
suitable supply available for powering the high-side of the isolated amplifier. The integrated power supply, high
input impedance, and bipolar input voltage range of the AMC3330-Q1 makes the device ideally suited for AC
voltage-sensing applications.
to MCU
Analog
Filter
to MCU
Analog
Filter
N
L1
L2
L3
PFC
RSHUNT
To Battery Management System
DC-Link
VBUS
+
DC/DC
VBUS
±
RL11
RL1SNS
N
RL12
N
N
1 µF
100 nF
1 nF
1 nF
100 nF
10 Ÿ
10 Ÿ
10 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3302-Q1
1 µF
1 nF
100 nF
47 NŸ
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
1 µF
100 nF
1 nF
1 nF
100 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3330-Q1
1 µF
1 nF
100 nF
47 NŸ
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
N
Voltage sensing
(AMC3330-Q1)
Voltage sensing
(AMC3330-Q1)
Current sensing
(AMC3302-Q1)
Figure 8-1. The AMC3302-Q1 in an OBC Application
AMC3302-Q1
SBASA84A – FEBRUARY 2021 – REVISED JULY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3302-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com