Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 2 Page - Texas Instruments

  AMC3302 Datasheet HTML 1Page - Texas Instruments AMC3302 Datasheet HTML 2Page - Texas Instruments AMC3302 Datasheet HTML 3Page - Texas Instruments AMC3302 Datasheet HTML 4Page - Texas Instruments AMC3302 Datasheet HTML 5Page - Texas Instruments AMC3302 Datasheet HTML 6Page - Texas Instruments AMC3302 Datasheet HTML 7Page - Texas Instruments AMC3302 Datasheet HTML 8Page - Texas Instruments AMC3302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................5
6.5 Power Ratings ............................................................5
6.6 Insulation Specifications ............................................ 6
6.7 Safety-Related Certifications ..................................... 7
6.8 Safety Limiting Values ................................................7
6.9 Electrical Characteristics ............................................8
6.10 Switching Characteristics .........................................9
6.11 Timing Diagram....................................................... 10
6.12 Insulation Characteristics Curves............................11
6.13 Typical Characteristics............................................ 12
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................19
7.4 Device Functional Modes..........................................21
8 Application and Implementation.................................. 22
8.1 Application Information............................................. 22
8.2 Typical Application.................................................... 22
8.3 What to Do and What Not to Do............................... 25
9 Power Supply Recommendations................................26
10 Layout...........................................................................28
10.1 Layout Guidelines................................................... 28
10.2 Layout Example...................................................... 28
11 Device and Documentation Support..........................29
11.1 Documentation Support.......................................... 29
11.2 Receiving Notification of Documentation Updates.. 29
11.3 Support Resources................................................. 29
11.4 Trademarks............................................................. 29
11.5 Electrostatic Discharge Caution.............................. 29
11.6 Glossary.................................................................. 29
12 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (February 2021) to Revision A (July 2021)
Page
• Changed High CMTI value from 85 kV/μs to 95 kV/μs in Features section........................................................1
• Changed LDO_OUT pin description in Pin Functions table to include that no external load is allowed on the
LDO_OUT pin..................................................................................................................................................... 3
• Changed overvoltage category for rated mains voltage ≤ 600 V from I-IV to I-III and for rated mains voltage
≤1000 V from I-III to I-II ......................................................................................................................................6
• Changed CIO from ~3.5 pF to ~4.5 pF................................................................................................................6
• Changed output bandwidth (BW) minimum value from 300 kHz to 290 kHz......................................................8
• Changed CMTI limits from 85 kV/µs (min), 135 kV/µs (typ) to 95 kV/µs (min), 155 kV/µs (typ)......................... 8
• Added discussion of high-side and low-side LDO to What to Do and What Not to Do section........................ 25
• Added information on reducing radiated emission to Power Supply Recommendations section, changed
Decoupling the AMC3302-Q1 figure and Recommended External Components table.................................... 26
• Added ferrite beads to Recommended Layout of the AMC3302-Q1 figure...................................................... 28
AMC3302-Q1
SBASA84A – FEBRUARY 2021 – REVISED JULY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3302-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com