Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 23Page - Texas Instruments AMC3302 Datasheet HTML 24Page - Texas Instruments AMC3302 Datasheet HTML 25Page - Texas Instruments AMC3302 Datasheet HTML 26Page - Texas Instruments AMC3302 Datasheet HTML 27Page - Texas Instruments AMC3302 Datasheet HTML 28Page - Texas Instruments AMC3302 Datasheet HTML 29Page - Texas Instruments AMC3302 Datasheet HTML 30Page - Texas Instruments AMC3302 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Table 9-1. Recommended External Components
DESCRIPTION
PART NUMBER
MANUFACTURER
SIZE (EIA, L x W)
VDD
C8
1 nF ± 10%, X7R, 50 V
12065C102KAT2A(1)
AVX
1206, 3.2 mm x 1.6 mm
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
C9
1 µF ± 10%, X7R, 25 V
12063C105KAT2A(1)
AVX
1206, 3.2 mm x 1.6 mm
CGA3E1X7R1E105K080AC
TDK
0603, 1.6 mm x 0.8 mm
DC/DC CONVERTER
C4
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C3
1 nF ± 10%, X7R, 50 V
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
C2
1 µF ± 10%, X7R, 25 V
CGA3E1X7R1E105K080AC
TDK
0603, 1.6 mm x 0.8 mm
HLDO
C1
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C5
100 nF ± 5%, NP0, 50 V
C3216NP01H104J160AA(1)
TDK
1206, 3.2 mm x 1.6 mm
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C6
1 nF ± 10%, X7R, 50 V
12065C102KAT2A(1)
AVX
1206, 3.2 mm x 1.6 mm
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
FERRITE BEADS
FB1, FB2,
FB3
Ferrite bead(2)
74269244182
Wurth Elektronik
0402, 1.0 mm x 0.5 mm
BLM15HD182SH1
Murata
0402, 1.0 mm x 0.5 mm
BKH1005LM182-T
Taiyo Yuden
0402, 1.0 mm x 0.5 mm
(1)
Component used for parametric validation.
(2)
No ferrite beads used for parametric validation.
www.ti.com
AMC3302-Q1
SBASA84A – FEBRUARY 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AMC3302-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com