Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 22Page - Texas Instruments AMC3302 Datasheet HTML 23Page - Texas Instruments AMC3302 Datasheet HTML 24Page - Texas Instruments AMC3302 Datasheet HTML 25Page - Texas Instruments AMC3302 Datasheet HTML 26Page - Texas Instruments AMC3302 Datasheet HTML 27Page - Texas Instruments AMC3302 Datasheet HTML 28Page - Texas Instruments AMC3302 Datasheet HTML 29Page - Texas Instruments AMC3302 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
9 Power Supply Recommendations
The AMC3302-Q1 is powered from the low-side power supply (VDD) with a nominal value of 3.3 V or 5 V. TI
recommends a low-ESR decoupling capacitor of 1 nF (C8 in Figure 9-1) placed as close as possible to the VDD
pin, followed by a 1-µF capacitor (C9) to filter this power-supply path.
The low-side of the DC/DC converter is decoupled with a low-ESR 100-nF capacitor (C4) positioned close to
the device between the DCDC_IN and DCDC_GND pins. Use a 1-µF capacitor (C2) to decouple the high-side
in addition to a low-ESR, 1-nF capacitor (C3) placed as close as possible to the device and connected to the
DCDC_OUT and DCDC_HGND pins.
For the high-side LDO, use low-ESR capacitors of 1-nF (C6), placed as close as possible to the AMC3302-Q1,
followed by a 100-nF decoupling capacitor (C5).
The ground reference for the high-side (HGND) is derived from the terminal of the shunt resistor that is
connected to the negative input (INN) of the device. For best DC accuracy, use a separate trace to make this
connection instead of shorting HGND to INN directly at the device input. The high-side DC/DC ground terminal
(DCDC_HGND) is shorted to HGND directly at the device pins.
As shown in Figure 9-1, TI recommends placing ferrite beads in the INP, INN, and HGND signal lines for best
EMI performance. For more information on reducing radiated emissions and guidelines for component selection,
see the Best Practices to Attenuate AMC3301 Family Radiated Emissions EMI application note available for
download at www.ti.com
C2 1 µF
C6 1 nF
C5 100 nF
C3 1 nF
C1 100 nF
R2 10
R4 10
C10 10 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3302-Q1
C9
1 µF
C8
1 nF
C4
100 nF
R1
47 k
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
I
to RC filter / ADC
to RC filter / ADC
FB1
FB2
FB3
Figure 9-1. Decoupling the AMC3302-Q1
Capacitors must provide adequate effective capacitance under the applicable DC bias conditions they
experience in the application. Multilayer ceramic capacitors (MLCC) typically exhibit only a fraction of their
nominal capacitance under real-world conditions and this factor must be taken into consideration when selecting
these capacitors. This problem is especially acute in low-profile capacitors, in which the dielectric field strength is
higher than in taller components. Reputable capacitor manufacturers provide capacitance versus DC bias curves
that greatly simplify component selection.
Table 9-1 lists components suitable for use with the AMC3302-Q1. This list is not exhaustive. Other components
may exist that are equally suitable (or better), however these listed components have been validated during the
development of the AMC3302-Q1.
AMC3302-Q1
SBASA84A – FEBRUARY 2021 – REVISED JULY 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3302-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com