Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 1 Page - Texas Instruments

  AMC3302 Datasheet HTML 1Page - Texas Instruments AMC3302 Datasheet HTML 2Page - Texas Instruments AMC3302 Datasheet HTML 3Page - Texas Instruments AMC3302 Datasheet HTML 4Page - Texas Instruments AMC3302 Datasheet HTML 5Page - Texas Instruments AMC3302 Datasheet HTML 6Page - Texas Instruments AMC3302 Datasheet HTML 7Page - Texas Instruments AMC3302 Datasheet HTML 8Page - Texas Instruments AMC3302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
AMC3302-Q1 Automotive High-Precision, ±50-mV Input,
Reinforced Isolated Amplifier With Integrated DC/DC Converter
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• 3.3-V or 5-V single supply with integrated DC/DC
converter
• ±50-mV input voltage range optimized for current
measurement using shunt resistors
• Fixed gain: 41
• Low DC errors:
– Offset voltage: ±50 µV (maximum)
– Offset drift: ±0.5 µV/°C (maximum)
– Gain error: ±0.2% (maximum)
– Gain error drift: ±35 ppm/°C (maximum)
– Nonlinearity: ±0.03% (maximum)
• High CMTI: 95 kV/µs (minimum)
• System-level diagnostic features
• Meets CISPR-11 and CISPR-25 EMI standards
• Safety-related certifications:
– 6000-VPK reinforced isolation per DIN VDE V
0884-11
– 4250-VRMS isolation for 1 minute per UL1577
2 Applications
• Shunt-resistor-based current sensing in:
– HEV/EV charging piles
– HEV/EV on-board chargers (OBC)
– HEV/EV DC/DC converters
– HEV/EV traction inverters
3 Description
The AMC3302-Q1 is a precision, isolated amplifier
optimized for shunt-based current measurements.
The fully integrated, isolated DC/DC converter allows
single-supply operation from the low-side of the
device, which makes the device a unique solution
for space-constrained applications. The reinforced
capacitive isolation barrier is certified according to
VDE V 0884-11 and UL1577 and supports a working
voltage of up to 1.2 kVRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-voltage side from hazardous
voltages and damage.
The input of the AMC3302-Q1 is optimized for
direct connection to a low-impedance shunt resistor
or another low-impedance voltage source with low
signal levels. The excellent DC accuracy and
low temperature drift supports accurate current
measurements in the temperature range from –40°C
to +125°C.
The integrated DC/DC converter fault-detection and
diagnostic output pin of the AMC3302-Q1 simplify
system-level design and diagnostics.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC3302-Q1
SOIC (16)
10.30 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
To MCU (optional)
AMC3302-Q1
Isolated
Power
Isolated
Power
HGND
INP
INN
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
NC
I
+50 mV
0 V
± 50 mV
DCDC_IN
DCDC_GND
LDO_OUT
VDD
OUTN
OUTP
GND
DIAG
Low-side supply
(3.3 V or 5 V)
±2.05 V
VCMout
ADC
Typical Application
AMC3302-Q1
SBASA84A – FEBRUARY 2021 – REVISED JULY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC3302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI2-AMC3302 Datasheet
1Mb / 38P
AMC3302 High-Precision, ±50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED JULY 2021
AMC3302-Q1 TI2-AMC3302-Q1 Datasheet
1Mb / 38P
AMC3302 High-Precision, ±50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED JULY 2021
AMC3302DWE TI-AMC3302DWE Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
More results

Similar Description - AMC3302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3306M05 TI-AMC3306M05 Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC1306M05-Q1 TI-AMC1306M05-Q1 Datasheet
2Mb / 36P
AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
AMC3311-Q1 TI-AMC3311-Q1_V01 Datasheet
1Mb / 36P
AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com