Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 9Page - Texas Instruments AMC3302 Datasheet HTML 10Page - Texas Instruments AMC3302 Datasheet HTML 11Page - Texas Instruments AMC3302 Datasheet HTML 12Page - Texas Instruments AMC3302 Datasheet HTML 13Page - Texas Instruments AMC3302 Datasheet HTML 14Page - Texas Instruments AMC3302 Datasheet HTML 15Page - Texas Instruments AMC3302 Datasheet HTML 16Page - Texas Instruments AMC3302 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
6.13 Typical Characteristics (continued)
at VDD = 3.3 V, INP = –50 mV to +50 mV, INN = HGND = 0 V, and fIN = 10 kHz (unless otherwise noted)
fIN (kHz)
1
10
100
1000
-40
-35
-30
-25
-20
-15
-10
-5
0
5
D007
Figure 6-11. Normalized Gain vs Input Frequency
fIN (kHz)
1
10
100
1000
-360°
-315°
-270°
-225°
-180°
-135°
-90°
-45°
0°
D008
Figure 6-12. Output Phase vs Input Frequency
VDD (V)
3
3.5
4
4.5
5
5.5
310
320
330
340
350
360
D011
Figure 6-13. Output Bandwidth vs Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
310
320
330
340
350
360
D012
Figure 6-14. Output Bandwidth vs Temperature
VDD (V)
3
3.5
4
4.5
5
5.5
-50
-25
0
25
50
D027
Device 1
Device 2
Device 3
Figure 6-15. Input Offset Voltage vs Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-50
-25
0
25
50
D026
Device 1
Device 2
Device 3
Figure 6-16. Input Offset Voltage vs Temperature
www.ti.com
AMC3302-Q1
SBASA84A – FEBRUARY 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC3302-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com