Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 20Page - Texas Instruments AMC3302 Datasheet HTML 21Page - Texas Instruments AMC3302 Datasheet HTML 22Page - Texas Instruments AMC3302 Datasheet HTML 23Page - Texas Instruments AMC3302 Datasheet HTML 24Page - Texas Instruments AMC3302 Datasheet HTML 25Page - Texas Instruments AMC3302 Datasheet HTML 26Page - Texas Instruments AMC3302 Datasheet HTML 27Page - Texas Instruments AMC3302 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
8.2.2.3 Differential to Single-Ended Output Conversion
Figure 8-3 shows an example of a TLV313-Q1-based signal conversion and filter circuit for systems using
single-ended-input ADCs to convert the analog output voltage into digital. With R1 = R2 = R3 = R4, the output
voltage equals (VOUTP – VOUTN) + VREF. Tailor the bandwidth of this filter stage to the bandwidth requirement of
the system. For most applications, R1 = R2 = R3 = R4 = 3.3 kΩ and C1 = C2 = 330 pF yields good performance.
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3302-Q1
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
+
±
R4
R3
R1
R2
VREF
ADC
GND
GND
To MCU
C1
C2
GND
TLV313-Q1
Figure 8-3. Connecting the AMC3302-Q1 Output to a Single-Ended Input ADC
For more information on the general procedure to design the filtering and driving stages of successive-
approximation-register (SAR) ADCs, see the 18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest
Distortion and Noise reference guide and 18-Bit Data Acquisition Block (DAQ) Optimized for Lowest Power
reference guide, available for download at www.ti.com.
8.2.3 Application Curve
One important aspect of power-stage design is the effective detection of an overcurrent condition to protect
the switching devices and passive components from damage. To power off the system quickly in the event
of an overcurrent condition, a low delay caused by the isolated amplifier is required. Step Response of the
AMC3302-Q1 shows the typical fullscale step response of the AMC3302-Q1.
VIN
VOUTP
VOUTN
Figure 8-4. Step Response of the AMC3302-Q1
AMC3302-Q1
SBASA84A – FEBRUARY 2021 – REVISED JULY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3302-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com