Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 4 Page - Texas Instruments

  THS4513 Datasheet HTML 1Page - Texas Instruments THS4513 Datasheet HTML 2Page - Texas Instruments THS4513 Datasheet HTML 3Page - Texas Instruments THS4513 Datasheet HTML 4Page - Texas Instruments THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
THS4513-SP
SLOS539A – SEPTEMBER 2007 – REVISED OCTOBER 2007
SPECIFICATIONS; VS+ – VS– = 5 V (Unchanged after 150 kRad): (continued)
Test conditions unless otherwise noted: VS+ = 2.5 V, VS– = –2.5 V, G = 14 dB, CM = open, VO = 2 Vpp, RF = 348 Ω,
RL = 200 Ω Differential, TA = 25°C Single-Ended Input, Differential Output, Input and Output Referenced to Mid-Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Common-Mode Input Range High
1.75
V
Common-Mode Input Range Low
–1.75
Common-Mode Rejection Ratio
80
dB
Differential Input Impedance
1.67 || 0.5
M
Ω || pF
Common-Mode Input Impedance
1.2 || 1.5
OUTPUT
TA = 25°C
1.2
1.4
Maximum Output Voltage High
V
TA = –55°C to 125°C
1.0
Each output with 100
Ω to
mid-supply
TA = 25°C
–1.4
–1.2
Minimum Output Voltage Low
V
TA = –55°C to 125°C
–1.0
TA = 25°C
4.8
5.6
Differential Output Voltage Swing
V
TA = –55°C to 125°C
4.0
Differential Output Current Drive
RL = 10 Ω
96
mA
Output Balance Error
VO = 100 mV, f = 1 MHz
–52
dB
Closed-Loop Output Impedance
f = 1 MHz
0.3
Ω
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-Signal Bandwidth
250
MHz
Slew Rate
110
V/
μs
Gain
1
V/V
Output Common-Mode Offset
–1 V < CM < 1 V
5
mV
from CM input
CM Input Bias Current
–1 V < CM < 1 V
±40
μA
CM Input Voltage Range
–1.25 to 1.25
V
CM Input Impedance
23 || 2.8
k
Ω || pF
CM Default Voltage
0
V
POWER SUPPLY
Specified Operating Voltage
3
5
5.5
V
TA = 25°C
37.7
40.9
Maximum Quiescent Current
mA
TA = –55°C to 125°C
42.5
TA = 25°C
34.5
37.7
Minimum Quiescent Current
mA
TA = –55°C to 125°C
32.5
Power Supply Rejection (±PSRR)
90
dB
POWER DOWN
Enable Voltage Threshold
Referenced to Vs– , Assured on above 2.1 V + VS–
>2.1 + VS–
V
Disable Voltage Threshold
Assured off below 0.7 V + VS–
<0.7 + VS–
V
TA = 25°C
0.65
0.9
Powerdown Quiescent Current
mA
TA = –55°C to 125°C
1.2
Input Bias Current
PD = VS–
100
μA
Input Impedance
50 || 2
k
Ω || pF
Turn-on Time Delay
Measured to output on
55
ns
Turn-off Time Delay
Measured to output off
10
μs
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): THS4513-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com