Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 16Page - Texas Instruments THS4513 Datasheet HTML 17Page - Texas Instruments THS4513 Datasheet HTML 18Page - Texas Instruments THS4513 Datasheet HTML 19Page - Texas Instruments THS4513 Datasheet HTML 20Page - Texas Instruments THS4513 Datasheet HTML 21Page - Texas Instruments THS4513 Datasheet HTML 22Page - Texas Instruments THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
www.ti.com
Slew Rate, Transient Response, Settling Time,
VS+
CM
VIN
From
source
VS–
49.9 W
0.22 F
m
RF
RF
RG
RG
RIT
RIT
VOUT+
VOUT–
To
50 W
Test
Equipment
RCMT
RCM
THS4513
50 W
49.9 W
0.22 F
m
49.9 W
49.9 W
CMRR and PSRR
THS 4513
CM
VIN
RF
RF
RG
RG
RIT
RIT
From
50
Ω
Source
0.22
µF
49.9
Ω
VOUT+
Open
To 50
Ω
Test
Equipment
VS+
VS−
0.22
µF
VOUT−
49.9
Ω
49.9
Ω
CM Input
From
50
Ω
Source
THS4513
CM
VIN
CMRR
PSRR+
PSRR−
VS+
VS−
VS+
VS−
100
Ω
100
Ω
69.8
Ω
348
Ω
348
Ω
49.9
Ω
49.9
Ω
Open
0.22
µF
100
Ω
Output
Measured
Here
With High
Impedance
Differential
Probe
THS4513-SP
SLOS539A – SEPTEMBER 2007 – REVISED OCTOBER 2007
Output Impedance, Overdrive, Output Voltage,
and Turn-On/Off Time
The circuit shown in Figure 57 is used to measure
slew rate, transient response, settling time, output
impedance, overdrive recovery, output voltage swing,
and turn-on/turn-off times of the amplifier. For output
impedance, the signal is injected at VOUT with VIN left
open, and the drop across the 49.9
Ω resistor is used
to calculate the impedance seen looking into the
amplifier’s output.
Figure 58. CM Input Test Circuit
The circuit shown in Figure 59 is used to measure the
CMRR and PSRR of VS+ and VS–. The input is
switched appropriately to match the test being
performed.
Figure 57. SR, Transient Response, Settling Time,
ZO, Overdrive Recovery, VOUT Swing, and
Turn-On/Off Test Circuit
The circuit shown in Figure 58 is used to measure the
Figure 59. CMRR and PSRR Test Circuit
frequency response and input impedance of the CM
input. Frequency response is measured single-ended
at VOUT+ or VOUT– with the input injected at VIN, RCM =
0
Ω and RCMT = 49.9 Ω. The input impedance is
measured with RCM = 49.9 Ω with RCMT = open, and
calculated by measuring the voltage drop across RCM
to determine the input current.
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): THS4513-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com