Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
0
1
2
3
4
5
6
7
8
9
10
f − Frequency − MHz
G = 6 dB
VOD = 100 mVpp
10
100
1k
10k
RL = 1 kΩ
RL = 500 Ω
RL = 100 Ω
RL = 200 Ω
4
5
6
7
8
9
10
11
12
f − Frequency − MHz
G = 10 dB
VOD = 100 mVpp
10
100
1k
10k
RL = 1 kΩ
RL = 500 Ω
RL = 100 Ω
RL = 200 Ω
8
9
10
11
12
13
14
15
f − Frequency − MHz
G = 14 dB
VOD = 100 mVpp
10
100
1k
10k
RL = 1 kΩ
RL = 500 Ω
RL = 100 Ω
RL = 200 Ω
0
2
4
6
8
10
12
f − Frequency − MHz
G = 6 dB
VOD = 2 Vpp
10
100
1k
10k
RL = 1 kΩ
RL = 500 Ω
RL = 100 Ω
RL = 200 Ω
4
5
6
7
8
9
10
11
12
f − Frequency − MHz
G = 10 dB
VOD = 2 Vpp
10
100
1k
10k
RL = 1 kΩ
RL = 500 Ω
RL = 100 Ω
RL = 200 Ω
8
9
10
11
12
13
14
15
f − Frequency − MHz
G = 14 dB
VOD = 2 Vpp
10
100
1k
10k
RL = 1 kΩ
RL = 500 Ω
RL = 100 Ω
RL = 200 Ω
THS4513-SP
SLOS539A – SEPTEMBER 2007 – REVISED OCTOBER 2007
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 3.
Figure 4.
LARGE-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 5.
Figure 6.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4513-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com