Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 4Page - Texas Instruments THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TYPICAL AC PERFORMANCE: VS+ – VS– = 5 V
THS4513-SP
SLOS539A – SEPTEMBER 2007 – REVISED OCTOBER 2007
Test conditions unless otherwise noted: VS+ = +2.5 V, VS– = –2.5V, CM = open, VOD = 2 Vpp, RF = 348 Ω, RL = 200 Ω
Differential, G = 14 dB, Single-Ended Input, Input and Output Referenced to Mid-Supply
G = 6 dB, VOD = 100 mVPP
Figure 1
Small-Signal Frequency
G = 10 dB, VOD = 100 mVPP
Figure 2
Response
G = 14 dB, VOD = 100 mVPP
Figure 3
G = 6 dB, VOD = 2 VPP
Figure 4
Large-Signal Frequency
G = 10 dB, VOD = 2 VPP
Figure 5
Response
G = 14 dB, VOD = 2 VPP
Figure 6
HD2, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 7
HD3, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 8
Harmonic
Distortion
HD2, G = 14 dB
vs Output Voltage
Figure 9
HD3, G = 14 dB
vs Output Voltage
Figure 10
IMD2, G = 14dB
vs Frequency
Figure 11
Intermodulation
Distortion
IMD3, G = 14dB
vs Frequency
Figure 12
OIP2
vs Frequency
Figure 13
Output Intercept Point
OIP3
vs Frequency
Figure 14
Transition Rate
vs Output Voltage
Figure 15
Transient Response
Figure 16
Rejection Ratio
vs Frequency
Figure 17
Overdrive Recovery
Figure 18
Output Voltage Swing
vs Load Resistance
Figure 19
Turn-Off Time
Figure 20
Turn-On Time
Figure 21
Input Offset Voltage
vs Input Common-Mode Voltage
Figure 22
Input Referred Noise
vs Frequency
Figure 23
Noise Figure
vs Frequency
Figure 24
Quiescent Current
vs Supply Voltage
Figure 25
Power Down Quiescent Current
vs Supply Voltage
Figure 26
Output Balance Error
vs Frequency
Figure 27
CM Input Bias Current
vs CM Input Voltage
Figure 28
Differential Output Offset Voltage
vs CM Input Voltage
Figure 29
Common-Mode Output Offset Voltage
vs CM Input Voltage
Figure 30
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): THS4513-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com