Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
40
50
60
70
80
90
100
0
50
100
150
200
f − Frequency − MHz
VOD = 2 Vpp Envelope
200 kHz Tone Spacing
RL = 100 Ω
20
25
30
35
40
45
50
0
50
100
150
200
f − Frequency − MHz
VOD = 2 Vpp Envelope
200 kHz Tone Spacing
RL = 100 Ω
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
0
10
20
30
40
50
60
70
80
90
100
t − Time − ns
G = 6 dB
RL = 200 Ω
VOD = 2 VPP
0
1000
2000
3000
4000
5000
6000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VOD − Differential Output Voltage − Vpp
RL = 200 Ω
Falling
Rising
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
0.0
0.2
0.4
0.6
0.8
1.0
t − Time −
µs
−4
−3
−2
−1
0
1
2
3
4
RL = 200 Ω
VS = 5 V
Output
Input
30
40
50
60
70
80
90
100
f − Frequency − MHz
RL = 200 Ω
0.01
0.1
10
1k
1
100
PSRR+
PSRR–
CMRR
THS4513-SP
SLOS539A – SEPTEMBER 2007 – REVISED OCTOBER 2007
OIP2 vs FREQUENCY
OIP3 vs FREQUENCY
Figure 13.
Figure 14.
TRANSITION RATE vs OUTPUT VOLTAGE
TRANSIENT RESPONSE
Figure 15.
Figure 16.
REJECTION RATIO vs FREQUENCY
OVERDRIVE RECOVERY
Figure 17.
Figure 18.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4513-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com