Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments THS4513 Datasheet HTML 16Page - Texas Instruments THS4513 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.ti.com
20
25
30
35
40
1.0
1.5
2.0
2.5
±VS − Supply Voltage − V
TA = 25°C
0
100
200
300
400
500
600
700
800
900
1000
0.0
0.5
1.0
1.5
2.0
2.5
±VS − Supply Voltage − V
TA = 25°C
−60
−55
−50
−45
−40
−35
−30
−25
−20
f − Frequency − MHz
0.1
1
10
1k
100
RL = 200 Ω
VOD = 500 mVPP
−250
−200
−150
−100
−50
0
50
100
150
−3
−2
−1
0
1
2
3
VIC − Common-Mode Input Voltage − V
−2
−1
0
1
2
3
4
−2.5 −2.0 −1.5 −1.0 −0.5 0.0
0.5
1.0
1.5
2.0
2.5
VIC − Common-Mode Input Voltage − V
−50
−40
−30
−20
−10
0
10
20
30
40
50
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
VIC − Common-Mode Input Voltage − V
THS4513-SP
SLOS539A – SEPTEMBER 2007 – REVISED OCTOBER 2007
POWERDOWN QUIESCENT CURRENT
QUIESCENT CURRENT vs SUPPLY VOLTAGE
vs SUPPLY VOLTAGE
Figure 25.
Figure 26.
OUTPUT BALANCE ERROR RESPONSE vs FREQUENCY
CM INPUT BIAS CURRENT vs CM INPUT VOLTAGE
Figure 27.
Figure 28.
DIFFERENTIAL OUTPUT OFFSET VOLTAGE
COMMON-MODE OUTPUT OFFSET VOLTAGE
vs COMMON-MODE INPUT VOLTAGE
vs COMMON-MODE INPUT VOLTAGE
Figure 29.
Figure 30.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4513-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com