Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 20Page - Texas Instruments THS4513 Datasheet HTML 21Page - Texas Instruments THS4513 Datasheet HTML 22Page - Texas Instruments THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments THS4513 Datasheet HTML 26Page - Texas Instruments THS4513 Datasheet HTML 27Page - Texas Instruments THS4513 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
www.ti.com
.
2 7 pF
0.1 F
m
14 Bit,
105 MSPS
A IN+
A IN– VBG
ADS 5424
5V
THS4513
CM
348 W
348 W
100 W
VIN
From
50
Source
W
225 W
225 W
69.8 W
69.8 W
49.9 W
49 .9 W
0.22 F
m
0.22 F
m
0.1 F
m
0.22 F
m
100 W
THS4513-SP
SLOS539A – SEPTEMBER 2007 – REVISED OCTOBER 2007
The 225
Ω resistors and 2.7 pF capacitor between
the THS4513 outputs and ADS5424 inputs (along
with the input capacitance of the ADC) limit the
bandwidth of the signal to about 100 MHz (–3 dB).
Because
the
ADS5424s
recommended
input
common-mode voltage is 2.4 V, the THS4513 is
operated from a single power supply input with VS+ =
5 V and VS– = 0 V (ground).
Figure 68. THS4513 + ADS5424 Circuit
24
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): THS4513-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com