Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 3 Page - Texas Instruments

  THS4513 Datasheet HTML 1Page - Texas Instruments THS4513 Datasheet HTML 2Page - Texas Instruments THS4513 Datasheet HTML 3Page - Texas Instruments THS4513 Datasheet HTML 4Page - Texas Instruments THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
SPECIFICATIONS; VS+ – VS– = 5 V (Unchanged after 150 kRad):
THS4513-SP
SLOS539A – SEPTEMBER 2007 – REVISED OCTOBER 2007
Test conditions unless otherwise noted: VS+ = 2.5 V, VS– = –2.5 V, G = 14 dB, CM = open, VO = 2 Vpp, RF = 348 Ω,
RL = 200 Ω Differential, TA = 25°C Single-Ended Input, Differential Output, Input and Output Referenced to Mid-Supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
G = 6 dB, VO = 100 mVpp
1.1
GHz
Small-Signal Bandwidth
G = 10 dB, VO = 100 mVpp
1.0
GHz
G = 14 dB, VO = 100 mVpp
720
MHz
Gain-Bandwidth Product
G = 10 dB
3.0
GHz
G = 10 dB, VO = 2 Vpp
65
Bandwidth for 0.1 dB Flatness
MHz
G = 14 dB, VO = 2 Vpp
115
Large-Signal Bandwidth
G = 6 dB, VO = 2 Vpp
1.1
GHz
Slew Rate (Differential)
5100
V/
μs
0.5
Rise Time Fall Time
2 V Step, G = 6 dB
0.5
ns
Settling Time to 1%
5.5
f = 10 MHz, RL = 100 Ω
–106
f = 50 MHz, RL = 100 Ω
–90
dBc
2nd Order Harmonic Distortion
f = 100 MHz, RL = 100 Ω
–87
f = 10 MHz, RL = 100 Ω
–108
f = 50 MHz, RL = 100 Ω
–106
dBc
3rd Order Harmonic Distortion
f = 100 MHz, RL = 100 Ω
–83
fC = 50 MHz
–83
2nd Order Intermodulation Distortion
VO = 2 Vpp envelope,
fC = 100 MHz
–75
200 kHz Tone Spacing,
dBc
fC = 50 MHz
–83
RL = 100 Ω
3rd Order Intermodulation Distortion
fC = 100 MHz
–74
fC = 50 MHz
84
2nd Order Output Intercept Point
fC = 100 MHz
77
200 kHz Tone Spacing
dBm
RL = 100 Ω
fC = 50 MHz
42
3rd Order Output Intercept Point
fC = 100 MHz
38
Noise Figure
50
Ω System, 10 MHz, G = 6 dB
19.8
dB
Input Voltage Noise
f > 10 MHz
2.2
nV/
√Hz
Input Current Noise
f > 10 MHz
1.7
pA/
√Hz
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
63
dB
TA = 25°C
1
4
mV
Input Offset Voltage
TA = –55°C to 125°C
5.5
mV
Average Offset Voltage Drift
TA = –55°C to 125°C
2.6
μV/
°C
TA = 25°C
8
15.5
Input Bias Current
μA
TA = –55°C to 125°C
20
Average Bias Current Drift
TA = –55°C to 125°C
20
nA/
°C
TA = 25°C
1.6
3.6
Input Offset Current
μA
TA = –55°C to 125°C
7
Average Offset Current Drift
TA = –55°C to 125°C
4
nA/
°C
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS4513-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com