| Electronic Components Datasheet Search |
|
FXLS93333 Datasheet(PDF) 142 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93333 Datasheet(HTML) 142 Page - NXP Semiconductors |
|
142 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor g Range type Data reading Typical SensorDa taOFFLSB (LSB) SENSEACCEL (LSB/g) Minimum sensor data value (Signed LSB) Maximum sensor data value (Signed LSB) 16-bit Register Read 0 66.0322 0x8000 (–32768) 0x7FFF (+32767) 16-bit DSI3 PDCM Sensor Data 0 66.0322 0x8001 (–32767) 0x7FFF (+32767) 16-bit SPI Sensor Data 0 528.258 0x8010 (–32752) 0x7FFF (+32767) 16-bit PSI5 Sensor Data 0 528.258 0x8800 (–30720) 0x7800 (+30720) 12-bit DSI3 PDCM Sensor Data 0 33.0161 0x801 (–2047) 0x7FF (+2047) 12-bit SPI Sensor Data 0 33.0161 0x801 (–2047) 0x7FF (+2047) 10-bit DSI3 PDCM Sensor Data 0 8.25403 0x201 (–511) 0x1FF (+511) Medium g 10-bit PSI5 Sensor Data 0 8.25403 0x220 (–480) 0x1E0 (+480) 16-bit Register Read 0 21.8930 0x8000 (–32768) 0x7FFF (+32767) 16-bit DSI3 PDCM Sensor Data 0 21.8930 0x8001 (–32767) 0x7FFF (+32767) 16-bit SPI Sensor Data 0 175.144 0x8010 (–32752) 0x7FFF (+32767) 16-bit PSI5 Sensor Data 0 175.144 0x8800 (–30720) 0x7800 (+30720) 12-bit DSI3 PDCM Sensor Data 0 10.9465 0x801 (–2047) 0x7FF (+2047) 12-bit SPI Sensor Data 0 10.9465 0x801 (–2047) 0x7FF (+2047) 10-bit DSI3 PDCM Sensor Data 0 2.73663 0x201 (–511) 0x1FF (+511) High g 10-bit PSI5 Sensor Data 0 2.73663 0x220 (–480) 0x1E0 (+480) Table 219. Sensor data variables 11.7 Temperature sensor 11.7.1 Temperature sensor signal chain The device includes an independent temperature sensor for each channel for signal compensation. The output of the channel 0 temperature sensor is provided for user readability. A simplified block diagram is shown in Figure 54. Temperature sensor parameters are specified in Section 10.5 and Section 10.18. aaa-030637 TEMPERATURE Σ CONVERTER SINC FILTER temperature sensor to temperature output MOVING AVERAGE OFFSET AND GAIN TRIM Figure 54. Temperature sensor signal chain block diagram 11.7.2 Temperature sensor output scaling equations Equation 15 is used to convert temperature readings with the variables as specified. (15) FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 142 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |