Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 143 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 143 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 139Page - NXP Semiconductors FXLS93333 Datasheet HTML 140Page - NXP Semiconductors FXLS93333 Datasheet HTML 141Page - NXP Semiconductors FXLS93333 Datasheet HTML 142Page - NXP Semiconductors FXLS93333 Datasheet HTML 143Page - NXP Semiconductors FXLS93333 Datasheet HTML 144Page - NXP Semiconductors FXLS93333 Datasheet HTML 145Page - NXP Semiconductors FXLS93333 Datasheet HTML 146Page - NXP Semiconductors FXLS93333 Datasheet HTML 147Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Where:
TDEGC
TLSB
T0LSB
TSENSE
=
=
=
=
The temperature output in degrees C
The temperature output in LSB
The expected temperature output in LSB at 0 C
The expected temperature sensitivity in LSB/C
Data reading
T0LSB
(LSB)
TSENSE
(LSB/C)
8-bit Register Read
68
TSENSE
16-bit Register Read
17408
TSENSE * 256
16-bit DSI3 PDCM Sensor Data
17408
TSENSE * 256
16-bit SPI Sensor Data
17408
TSENSE * 256
16-bit PSI5 Sensor Data
–1728
TSENSE * 64
12-bit DSI3 PDCM Sensor Data
1100
TSENSE * 16
12-bit SPI Sensor Data
1100
TSENSE * 16
10-bit DSI3 PDCM Sensor Data
276
TSENSE * 4
10-bit PSI5 Sensor Data
–27
TSENSE
Table 220. Temperature sensor output scaling equation variables
11.8 PCM output function
The device provides the option for a PCM output function. The PCM output is enabled
if the ARM_CFG bits in the CHx_CF-G_U4 registers are configured for PCM output.
Selecting the PCM output enables the following functions:
• The non-interpolated sensor data output as defined in the DATATYPE0 bits in the
Chx_CFG_U3 register is saturated to 10-bits as shown in Section 11.6.4.9 and
converted to an unsigned value.
• The 10-bit sensor value is input into a summer clocked at 10 MHz.
• The carry from the summer circuit is output to the PCM pin.
A block diagram of the PCM output is shown in Figure 55.
aaa-030638
10 bit ADDER
A
B
CARRY
SUM
fCLK
DSPout [20:11]
as defined in DATATYPE0
PCM
10
10
10
FF
D
CLK
Q
Q
Figure 55. PCM output function block diagram
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
143 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com