Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 147 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 147 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 143Page - NXP Semiconductors FXLS93333 Datasheet HTML 144Page - NXP Semiconductors FXLS93333 Datasheet HTML 145Page - NXP Semiconductors FXLS93333 Datasheet HTML 146Page - NXP Semiconductors FXLS93333 Datasheet HTML 147Page - NXP Semiconductors FXLS93333 Datasheet HTML 148Page - NXP Semiconductors FXLS93333 Datasheet HTML 149Page - NXP Semiconductors FXLS93333 Datasheet HTML 150Page - NXP Semiconductors FXLS93333 Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
incremented by one. The counter rolls over to '00' after the maximum value specified in
the ARM_DS[1:0] bits is reached.
11.9.5 Arming pulse stretch function
A pulse stretch function can be applied to the arming outputs in moving average mode, or
count mode.
If the pulse stretch function is not used (ARM_PS[1:0] = '00'), the arming output is
asserted if and only if an arming condition exists for the associated channel after the
most recent evaluated sample. The arming output is deasserted if and only if an arming
condition does not exist for the associated channel after the most recent evaluated
sample.
If the pulse stretch function is used (ARM_PS[1:0] not equal '00'), the arming output is
controlled only by the value of the pulse stretch timer value. If the pulse stretch timer
value is non-zero, the arming output is asserted. If the pulse stretch timer is zero, the
arming output is deasserted. The pulse stretch counter continuously decrements until it
reaches zero. The pulse stretch counter is reset to the programmed pulse stretch value
if and only if an arming condition exists for the associated channel after the most recent
evaluated sample. See Figure 58.
Exception conditions listed in Section 14.5 do not impact prior arming function responses.
If an exception occurs after an arming activation, the corresponding pulse stretch for
the existing arming condition will continue. However, new sensor reads will not reset the
pulse stretch counter regardless of the sensor value.
11.9.6 Arming pin output structure
The arming output pin structure can be set to active high, or active low with the
ARM_CFG bits in the CHx_CFG_U4 registers as described in Section 11.2.26.4. The
active high and active low pin output structures are shown in Figure 61.
ARM FUNCTION
open drain, active high
open drain, active low
GATING
ARM
ARM
aaa-030644
VCC
ARM FUNCTION
GATING
VCC
Figure 61. Arming function - pin output structure
12 DSI3 protocol
The DSI3[2] standard describes two function classes: Signal Function Class and
Power Function Class. The device is a slave conforming to the Signal Function Class
requirements. The device does not support Power Function Class. The following sections
describe the DSI3 Signal Function Class features supported by the device.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
147 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com