Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 148 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 148 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 144Page - NXP Semiconductors FXLS93333 Datasheet HTML 145Page - NXP Semiconductors FXLS93333 Datasheet HTML 146Page - NXP Semiconductors FXLS93333 Datasheet HTML 147Page - NXP Semiconductors FXLS93333 Datasheet HTML 148Page - NXP Semiconductors FXLS93333 Datasheet HTML 149Page - NXP Semiconductors FXLS93333 Datasheet HTML 150Page - NXP Semiconductors FXLS93333 Datasheet HTML 151Page - NXP Semiconductors FXLS93333 Datasheet HTML 152Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
12.1 DSI3 physical layer
12.1.1 Command receiver
The command receive block converts voltage transitions on the BUS_I pin to a digital
pulse train for decoding by the DSI data link layer.
The supply voltage can vary throughout the specified range, so the communication high
voltage (VHIGH) must be sampled and averaged with a low-pass filter. The communication
low voltage is then determined by comparing the supply voltage to the sampled and
averaged VHIGH voltage. Figure 62 shows a block diagram of the command receiver
physical layer.
aaa-030645
2.8 MΩ
2.2 MΩ
lpf_reset
11 R
R
54 pF
DSI3
DSI3
DSI3/PSI5
41.66 mV 83.33 mV
bus in
Vbufa
command_detect
fOSC
count
command_detect
COUNTER
command
cmd_block
cmd_start
cmd_valid
Vhigh_sample
CONTROL
LOGIC
D
R
DSI/PSI
+
-
+
-
Figure 62. Command receiver physical layer
The start of a command is detected when the comparator output (Command_Detect) is
low. The comparator output is input to a counter that is updated at the internal oscillator
frequency. Control logic monitors the counter output and generates the necessary
internal signals for the logic.
Figure 63 shows a timing diagram of the command receiver when a valid command is
received, and Figure 64 shows a timing diagram of the command receiver when a micro-
cut is received during the command window. Voltage values and timing parameters are
specified in Section 10.4 and Section 10.20.
aaa-030646
time
BUS_I
Cmd_Start
tCmd_Valid
tCmdBlock_ST_CRM
Cmd_Valid
Cmd_Block
VHigh_Samp
tCmdBlock_CRM
Figure 63. DSI3 command receiver timing diagram: valid command
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
148 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com