| Electronic Components Datasheet Search |
|
FXLS93333 Datasheet(PDF) 150 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93333 Datasheet(HTML) 150 Page - NXP Semiconductors |
|
150 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor time VHIGH VLOW Disc_Compare CmdBlock_DISC tIDISC_Samp_Dly ICCQ_SAMPLE IRESP Activation tDISC_Ramp_RSP tDISC_Idle_RSP tIDISC_Samp tIDISC_CMD_BLK tDISC_Dly tDISC_ICCQ_Samp tSTART_DISC_RSP aaa-030650 Figure 67. DSI3 discovery mode sensing timing diagram 12.2 Address assignment The device supports all three address assignment methods described in the DSI3[2] standard as described in Section 12.2.1, Section 12.2.2, and Section 12.2.3. 12.2.1 Address assignment method for parallel connected slaves Devices connected in parallel must have pre-programmed addresses by storing a non-zero value into the PADDR[3:0] bits of the PHYSADDR OTP register. If a non- zero value is stored in this OTP register, The device does not participate in any other address assignment method and waits for Command and Response Mode for further configuration. See Section 12.3 for details regarding Command and Response Mode. 12.2.2 Address assignment method for bus switch connected daisy chain devices A device connected in daisy chain by a bus switch may have either a pre-programmed address as described in Section 12.2.1, or an un-programmed address. If the address is pre-programmed, the device does not participate in any other address assignment method and waits for Command and Response Mode for further configuration information, including activating the bus switch to connect the next device on the bus. See Section 12.3 for details regarding Command and Response Mode. If the address is un-programmed, once power is applied, the device is the only device on the segment which requires an address assignment. The device will accept a Command and Response Mode register write command addressed to Address $0 (global command), which writes the PADDR[3:0] bits to a non-zero value. Once a physical address is assigned to the device, Command and Response Mode is used with the assigned physical address for further configuration. On power up, the device bus switch output defaults to deactivated. 12.2.3 DSI3 discovery mode: Address assignment method for resistor connected daisy chain devices A device connected in daisy chain via a resistor has an un-programmed address and uses Discovery Mode to obtain its physical address (PADDR[3:0]). FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 150 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |