Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 153 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 149Page - NXP Semiconductors FXLS93333 Datasheet HTML 150Page - NXP Semiconductors FXLS93333 Datasheet HTML 151Page - NXP Semiconductors FXLS93333 Datasheet HTML 152Page - NXP Semiconductors FXLS93333 Datasheet HTML 153Page - NXP Semiconductors FXLS93333 Datasheet HTML 154Page - NXP Semiconductors FXLS93333 Datasheet HTML 155Page - NXP Semiconductors FXLS93333 Datasheet HTML 156Page - NXP Semiconductors FXLS93333 Datasheet HTML 157Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Physical address
Command
Extended data
Register data
Error checking
PA3 PA2 PA1 PA0
C3
C2
C1
C0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
E7
E6
E5
E4
E3
E2
E1
E0
0
0
0
1
1
0
0
0
1
0
1
0
1
0
1
0
0
0
1
0
1
1
0
0
0
0
1
1
0
1
1
0
Table 221. Command and response mode example command descriptions
12.3.1.1 Bit encoding
Figure 70 shows the bit encoding used for Command and Response Mode Commands
from the Master device.
0
0
VHIGH
VLOW
0
1
1
0
1
1
aaa-030654
Figure 70. Command and response mode command bit encoding
12.3.1.2 Command message format
The command and response mode command format is shown in Table 222.
Physical address
Command
Extended data
Register data
CRC
PA[3:0]
CMD[3:0]
ED[7:0]
RD[7:0]
CRC[7:0]
Table 222. Command and response mode - command format
Field
Length
(Bits)
Definition
PA[3:0]
4
Physical Address. The physical address must match the value in the PADDR[3:0] of the PHYSADDR
register
CMD[3:0] 4
Command (see Section 12.3.4)
ED[7:0]
8
Extended Data (see Section 12.3.4)
RD[7:0]
8
Register Data (see Section 12.3.4)
CRC[7:0] 8
Error Checking (see Section 12.3.1.3)
Table 223. Command and response mode - field definitions
12.3.1.3 Error checking
The device calculates an 8-bit CRC on the entire 32-bits of each command. Message
data is entered into the CRC calculator MSB first, consistent with the transmission
order of the message. If the calculated CRC does not match the transmitted CRC, the
command is ignored and the device does not respond.
The CRC decoding procedure is:
1. A seed value is preset into the least significant bits of the shift register.
2. Using a serial CRC calculation method, the receiver rotates the received message
and CRC into the least significant bits of the shift register in the order received (MSB
first).
3. When the calculation on the last bit of the CRC is rotated into the shift register, the
shift register contains the CRC check result.
4. If the shift register contains all zeros, the CRC is correct.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
153 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com