| Electronic Components Datasheet Search |
|
FXLS93333 Datasheet(PDF) 154 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93333 Datasheet(HTML) 154 Page - NXP Semiconductors |
|
154 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor 5. If the shift register contains a value other than zero, the CRC is incorrect. The CRC polynomial and seed for Command and Response Mode are shown in Table 224 . Mode Default polynomial Non-direct seed Command and Response Mode x8 + x5 + x3 + x2 + x + 1 1111 1111 Table 224. Command and response mode command CRC Some example CRC calculations are shown in Table 225 . Physical address Command Extended data Register data Non-direct seed 8-bit CRC 0x01 0x08 0x11 0x86 0xFF 0xB0 0x02 0x01 0x25 0xFF 0xFF 0x38 0x03 0x0F 0x1A 0x41 0xFF 0x2C 0x04 0x01 0x01 0x01 0xFF 0xD4 Table 225. Command and response mode - CRC calculation examples 12.3.2 DSI3 command and response mode response transmission An example command and response mode response is shown in Figure 71. The response consists of 32 bits of data broken up into multiple fields as described in Section 12.3.2.2. response current 1st symbol aaa-030655 Figure 71. Command and response mode response example Physical address Command Extended data Register data Error checking PA3 PA2 PA1 PA0 C3 C2 C1 C0 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 E7 E6 E5 E4 E3 E2 E1 E0 0 0 0 1 1 0 0 0 1 0 1 0 1 0 1 0 0 0 1 0 1 1 0 0 0 0 1 1 0 1 1 0 Table 226. Command and response mode response example 12.3.2.1 Symbol encoding The device response to a Command and Response Mode Command uses multi-level source coding where data nibbles are first encoded into symbols and then the symbols are encoded into current levels. The symbols are assembled from three consecutive three-level current pulses called chips. Within a symbol there are 3 consecutive chips that can assume one of three discrete current levels as described in Section 10.5: iq, iq + iRESP, and iq + 2 x iRESP. Figure 72 shows the chip trans-missions and an example of a 3 symbol (9 chip), 12-bit data packet. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 154 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |