Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 155 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 155 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 151Page - NXP Semiconductors FXLS93333 Datasheet HTML 152Page - NXP Semiconductors FXLS93333 Datasheet HTML 153Page - NXP Semiconductors FXLS93333 Datasheet HTML 154Page - NXP Semiconductors FXLS93333 Datasheet HTML 155Page - NXP Semiconductors FXLS93333 Datasheet HTML 156Page - NXP Semiconductors FXLS93333 Datasheet HTML 157Page - NXP Semiconductors FXLS93333 Datasheet HTML 158Page - NXP Semiconductors FXLS93333 Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
aaa-030656
0 mA
response data bit encoding
each symbol encodes four data bits
symbol
1
0
1
2
2
0
2
2
1
chips
1st 2nd 3rd
Iq_all
+IRESP
+2*IRESP
Figure 72. Response symbol encoding
Of the 27 possible combinations for three consecutive tri-level chips, the combinations
that begin with the null current level (iq) are discarded. Of the remaining 18 symbols,
the two symbols that contain the same value for all three chips are also dis-carded.
The remaining 16 symbols all begin with a non-null current level and have at least one
transition. These characteristics guarantee that any response packet has a transition at
the beginning of a packet and at least one transition in every symbol. Each 3-chip symbol
encodes the information of 4-bits. Table 227 shows the symbol encoding used by the
device.
Encoded data (4 Bits)
Symbol transmitted
Binary
HEX
1st Chip
2nd Chip
3rd Chip
0000
0
1
1
0
0001
1
2
1
1
0010
2
1
0
2
0011
3
2
0
2
0100
4
1
0
0
0101
5
2
1
2
0110
6
1
1
2
0111
7
2
0
1
1000
8
2
2
0
1001
9
2
1
0
1010
A
1
2
2
1011
B
2
2
1
1100
C
1
2
0
1101
D
2
0
0
1110
E
1
0
1
Table 227. Symbol mapping
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
155 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com