Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 144 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 144 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 140Page - NXP Semiconductors FXLS93333 Datasheet HTML 141Page - NXP Semiconductors FXLS93333 Datasheet HTML 142Page - NXP Semiconductors FXLS93333 Datasheet HTML 143Page - NXP Semiconductors FXLS93333 Datasheet HTML 144Page - NXP Semiconductors FXLS93333 Datasheet HTML 145Page - NXP Semiconductors FXLS93333 Datasheet HTML 146Page - NXP Semiconductors FXLS93333 Datasheet HTML 147Page - NXP Semiconductors FXLS93333 Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.9 Arming function
When SPI mode is enabled via the COMMTYPE register, the device provides the option
for an arming function with 3 modes of operation. The operation of the arming function is
selected by the state of the ARM_CFG bits in the CHx_CFG_U4 registers.
See Section 14.5 for the operation of the Arming function with exception conditions. Error
conditions do not impact prior arming function responses. If an error occurs after an
arming activation, the corresponding pulse stretch for the existing arming condition will
continue. However, new sensor reads will not update the arming function regardless of
the sensor value.
11.9.1 Arming function: moving average mode
In moving average mode, the arming function runs a moving average on the offset
canceled output of the associated sensor channel DATATYPE0. The number of samples
used for the moving average (k) is programmable via the ARM_WS[1:0] bits in the
CHx_ARM_CFG registers. See Section 11.2.28.3 for register details.
(16)
Where n is the current sample.
The sample rate for each channel is determined by the rate of the SPI sensor data
requests. At the falling edge of SS_B for a sensor data SPI response for SOURCEID_0
(channel 0) or SOURCEID_2 (channel 1), the moving average for the associated channel
is updated with a new sample. See Figure 56. The arming function input data rate can
be down sampled as described in Section 11.9.4. The SPI sensor data sample rate must
meet the minimum time between requests (tACC_REQ_x) specified in Section 10.13.
The moving average output is compared against positive and negative thresholds that
are individually programmed for each channel via the CHx_ARMT_x registers. See
Section 11.2.29 for register details. If the moving average equals or exceeds either
threshold, an arming condition is indicated, the arming pin output is asserted for the
associated channel, and the pulse stretch counter is set as described in Section 11.9.5.
The arming pin output is deasserted only when the pulse stretch counter expires.
Figure 56 shows the arming output operation for different SPI conditions.
aaa-030639
POSITIVE
MOVING AVERAGE
PULSE STRETCH
GATING
ARM
ARM_WS_P[1:0]
OC_out[12:3]
ARM_T_P[7:0]
NEGATIVE
MOVING AVERAGE
ARM_WS_N[1:0]
ARM_T_N[7:0]
I/O
ARM_PS[3:0]
Figure 56. Arming function block diagram - moving average mode
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
144 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com