Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 161 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 161 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 157Page - NXP Semiconductors FXLS93333 Datasheet HTML 158Page - NXP Semiconductors FXLS93333 Datasheet HTML 159Page - NXP Semiconductors FXLS93333 Datasheet HTML 160Page - NXP Semiconductors FXLS93333 Datasheet HTML 161Page - NXP Semiconductors FXLS93333 Datasheet HTML 162Page - NXP Semiconductors FXLS93333 Datasheet HTML 163Page - NXP Semiconductors FXLS93333 Datasheet HTML 164Page - NXP Semiconductors FXLS93333 Datasheet HTML 165Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
PDCM
Enabled?
BDM_EN
Command and
Response Mode
Periodic Data
Collection Mode
Background
Diagnostic Mode
No
0
Enabled
Disabled
Disabled
No
1
Enabled
Disabled
Disabled
Yes
0
Disabled
Enabled
Disabled
Yes
1
Disabled
Enabled
Enabled
Table 244. PDCM enable command and BDM_EN bit status
Once the ENDINIT bit is set, the registers listed in Section 11.3.3 are locked and the
user array read/write register array verification is enabled. The ENDINIT bit can only be
cleared by a device reset.
Address
Command
Data
PA3 PA2 PA1 PA0
C3
C2
C1
C0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CRC
PA[3] PA[2] PA[1] PA[0]
1
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
8 bits
Table 245. Enter periodic data collection mode command format
Bit field
Definition
PA[3:0]
DSI physical address. This field contains the physical address. This field must match the PADDR[3:0] bits
in the PHYSADDR register or the Global Address of '0000'. Otherwise, the command is ignored.
C[3:0]
Enter PDCM Command = '1011'
Table 246. Enter periodic data collection mode command format description
Address
Command
Data
PA3 PA2 PA1 PA0
C3
C2
C1
C0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CRC
PA[3] PA[2] PA[1] PA[0]
1
0
1
1
0
0
0
0
Ch[3] Ch[2] Ch[1] Ch[0]
0
0
0
0
0
0
0
0
8 bits
Table 247. Enter periodic data collection mode command: response format
Bit field
Definition
PA[3:0]
DSI physical address. This field contains the PADDR[3:0] bits in the PHYSADDR register.
Ch[3:0]
CHIPTIME[3:0] in the CHIPTIME register
C[3:0]
Enter Periodic Data Collection Mode Command = '1011'
Table 248. Enter periodic data collection mode command: response format description
12.3.4.5 Reserved commands
If the PA[3:0] field in the command matches the value in the PADDR[3:0] bits of the
PHYSADDR register and a valid CRC is calculated, the device will respond to reserved
commands. The physical address and command will be echoed and the correct CRC are
transmitted. The data included in the response is undefined.
Address
Command
Data
PA3
PA2
PA1
PA0
C3
C2
C1
C0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CRC
PA[3]
PA[2]
PA[1]
PA[0]
0
0
0
1
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
8 bits
PA[3]
PA[2]
PA[1]
PA[0]
0
0
1
0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
8 bits
Table 249. Reserved commands
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
161 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com