Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 164 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 164 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 160Page - NXP Semiconductors FXLS93333 Datasheet HTML 161Page - NXP Semiconductors FXLS93333 Datasheet HTML 162Page - NXP Semiconductors FXLS93333 Datasheet HTML 163Page - NXP Semiconductors FXLS93333 Datasheet HTML 164Page - NXP Semiconductors FXLS93333 Datasheet HTML 165Page - NXP Semiconductors FXLS93333 Datasheet HTML 166Page - NXP Semiconductors FXLS93333 Datasheet HTML 167Page - NXP Semiconductors FXLS93333 Datasheet HTML 168Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
aaa-030659
Response
Current
Command
Block
BUS_I
slave A
command blocking time is independently
programmed in each slave.
slave B
slave C
tCmdBlock_ST_PDCM
PDCM_RSPST[12:0] on slave C device
tPER_PDCM
tCmdBlock_PDCM
tSTART_PDCM, PDCM_RSPST[12:0], slave A
tSTART_PDCM, PDCM_RSPST[12:0], slave B
Figure 75. Periodic data mode response transmission
12.4.2.1 Symbol encoding
The symbol encoding used for Periodic Data Collection Mode Responses is the same as
for Command and Response Mode responses, and described in Section 12.3.2.1.
12.4.2.2 Response message format
The Periodic Data Collection Mode response format is shown in Table 253 and
Table 254. Field sizes are defined by the PDCMFORMAT[2:0] bits in the SOURCEID_x
register in Section 11.2.13.
Source ID
Keep alive counter
Status
Sensor data
CRC
SOURCEID
KAC
S
D
CRC[7:0]
Table 253. Periodic data collection mode response format
• If enabled in the PDCMFORMAT[2:0] bits, the SOURCEID field includes the value
stored in the SOURCEID_x[3:0] bits of the SOURCEID_x register.
• If enabled in the PDCMFORMAT[2:0] bits, the Keep Alive Counter field is a 2-bit rolling
message counter that is independently incremented for each SOURCEID. The initial
value of the counter is '00'.
• If enabled, the status field is transmitted as listed in Table 254. See Section 12.7 for
details on exception handling.
• The Sensor Data field includes the sensor data as selected by the DATATYPEx bits for
the SOURCEID.
• The CRC field includes an 8-bit CRC as defined in Section 12.4.2.3.
Sensor data field value
s[3:0]
Description
DEVSTAT state
SUP_ER-R_DIS state
Error
priority
STATUS field size = 4
STATUS field size = 0
0 0 0 0 Normal Mode
N/A
N/A
16
Sensor Data
0 0 0 1 Normal Mode, User
Array Not Locked
(UF2 region has not
been locked)
N/A
N/A
15
Sensor Data
The Sensor Data Field Error Code is transmitted for
a minimum of one transmission
0 0 1 0 Self-test Incomplete or
Self-test Active or Self-
test Error Present
Bit set in
CHx_STAT:
ST_INCMPLT
or ST_ACTIVE
or ST_ERROR
N/A
14
Sensor Data
The Sensor Data Field Error Code is transmitted for
a minimum of one transmission
Table 254. Periodic data collection mode status field definition
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
164 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com