Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 165 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 165 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 161Page - NXP Semiconductors FXLS93333 Datasheet HTML 162Page - NXP Semiconductors FXLS93333 Datasheet HTML 163Page - NXP Semiconductors FXLS93333 Datasheet HTML 164Page - NXP Semiconductors FXLS93333 Datasheet HTML 165Page - NXP Semiconductors FXLS93333 Datasheet HTML 166Page - NXP Semiconductors FXLS93333 Datasheet HTML 167Page - NXP Semiconductors FXLS93333 Datasheet HTML 168Page - NXP Semiconductors FXLS93333 Datasheet HTML 169Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Sensor data field value
s[3:0]
Description
DEVSTAT state
SUP_ER-R_DIS state
Error
priority
STATUS field size = 4
STATUS field size = 0
0 0 1 1 Oscillator Training Error
Bit set in
DEVSTAT3
N/A
13
Sensor Data
The Sensor Data Field Error Code is transmitted for
a minimum of one transmission
0 1 0 0 Offset Error
Bit set in
CHx_STAT:
SIGNALCLIP or
OFFSET_ERR
N/A
12
Sensor Data
The Sensor Data Field Error Code is transmitted for
a minimum of one transmission
0 1 0 1 Temperature Error
Bit set in
DEVSTAT2
N/A
11
Sensor Data
The Sensor Data Field Error Code is transmitted for
a minimum of one transmission
0110 to 0111 RESERVED
N/A
N/A
9.10
Sensor Data
The Sensor Data Field Error Code is transmitted for
a minimum of one transmission
1 0 0 0 User OTP Memory Error
(UF2)
U_OTP_ERR set
in DEVSTAT2
N/A
8
The Sensor Data Field Error Code is transmitted for a minimum of one
transmission
1 0 0 1 User R/W Memory Error
(UF2)
U_RW_ERR set
in DEVSTAT2
N/A
7
The Sensor Data Field Error Code is transmitted for a minimum of one
transmission
1 0 1 0 NXP OTP Memory Error
F_OTP_ERR set
in DEVSTAT2
N/A
6
The Sensor Data Field Error Code is transmitted for a minimum of one
transmission
1 0 1 1 Test Mode Active
TESTMODE bit
set in DEVSTAT
N/A
5
The Sensor Data Field Error Code is transmitted for a minimum of one
transmission
0
No Response until the supply monitor timer expires
The Sensor Data Field Error Code is transmitted for a minimum of one
transmission
(See Section 11.2.2.5)
1 1 0 0 Supply Error
Bit set in
DEVSTAT1
1
4
No Response until the supply monitor timer expires
(See Section 11.2.2.5)
1 1 0 1 Reset Error
DEVRES Set
N/A
3
The Sensor Data Field Error Code is transmitted for a minimum of one
transmission
1110 to 1111 RESERVED
N/A
N/A
1, 2
The Sensor Data Field Error Code is transmitted for a minimum of one
transmission
Table 254. Periodic data collection mode status field definition...continued
12.4.2.3 Error checking
The device calculates a CRC on the entire response. Message data is entered into the
CRC calculator MSB first, consistent with the transmission order of the message.
The CRC Encoding procedure is:
1. A seed value is preset into the least significant bits of the shift register.
2. Using a serial CRC calculation method, the transmitter rotates the transmitted
message into the least significant bits of the shift register, MSB first.
3. Following the transmitted message, the transmitter feeds eight zeros into the shift
register, to match the length of the CRC.
4. When the last zero is fed into the input adder, the shift register contains the CRC.
5. The CRC is transmitted.
The CRC polynomial and seed for periodic data collection mode are shown in Table 255.
Mode
Default polynomial
Non-direct seed
Periodic Data Collection Mode
x8 + x5 + x3 + x2 + x + 1
0000, SOURCEID_x[3:0]
Table 255. Periodic data collection mode response CRC
Some example CRC calculations are shown in Table 256.
Source
identification
(4 Bits)
Keep alive
counter (2 Bits)
Status (4 Bits)
Sensor data
(10 Bits)
Non-direct seed
8-bit CRC
0x1
0x3
0x0
0x1FF
0x01
0xD6
Table 256. Periodic data collection mode - CRC calculation examples
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
165 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com