Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 169 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 169 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 165Page - NXP Semiconductors FXLS93333 Datasheet HTML 166Page - NXP Semiconductors FXLS93333 Datasheet HTML 167Page - NXP Semiconductors FXLS93333 Datasheet HTML 168Page - NXP Semiconductors FXLS93333 Datasheet HTML 169Page - NXP Semiconductors FXLS93333 Datasheet HTML 170Page - NXP Semiconductors FXLS93333 Datasheet HTML 171Page - NXP Semiconductors FXLS93333 Datasheet HTML 172Page - NXP Semiconductors FXLS93333 Datasheet HTML 173Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
12.5 Initialization timing
aaa-030664
POR
tPOR_DSI
tSTART_DISC
tDSP_POR
offset
cancellation
normal
discovery
mode
read status registers
(DEVSTAT, DEVSTAT2)
initialize signal chain
initialize communication
self test
verification
enter
PDCM
command
user set up and self test control through CRM
offset cancellation low pass filter
startup
tOC_START
POR
internal
delay
periodic
data
collection
mode
Figure 80. Initialization timing
12.6 Maximum number of devices on a network
The theoretical maximum number of devices on a DSI3 network is 16: 1 master and
15 slaves. The practical limit for the number of devices on a bus is dependent on the
minimum common capability of the devices on the bus. The capability of the device
is different depending on the bus configuration and operating mode. The impact of
the device capability on the practical limit for the number of devices on the network is
described in this section.
12.6.1 Pre-configured, parallel connected network
The number of devices in a pre-configured, parallel connected network is not directly
limited by the capability of the device. The practical limit is determined by a combination
of the following:
• The capability of the master device, including, but not limited to:
– The bus operating voltage
– The bus supply current
– The bus current limit
– The bit rate
– The response current detection capability (distinguishing response current from
quiescent current)
• The total quiescent current of all slaves on the network.
12.6.2 Bus switch connected daisy chain network
The number of devices in a bus switch connected daisy chain network is not directly
limited by the capability of the device. The practical limit is determined by a combination
of the following:
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
169 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com