Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 166 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 166 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 162Page - NXP Semiconductors FXLS93333 Datasheet HTML 163Page - NXP Semiconductors FXLS93333 Datasheet HTML 164Page - NXP Semiconductors FXLS93333 Datasheet HTML 165Page - NXP Semiconductors FXLS93333 Datasheet HTML 166Page - NXP Semiconductors FXLS93333 Datasheet HTML 167Page - NXP Semiconductors FXLS93333 Datasheet HTML 168Page - NXP Semiconductors FXLS93333 Datasheet HTML 169Page - NXP Semiconductors FXLS93333 Datasheet HTML 170Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Source
identification
(4 Bits)
Keep alive
counter (2 Bits)
Status (4 Bits)
Sensor data
(10 Bits)
Non-direct seed
8-bit CRC
0x2
0x2
0x0
0x1FE
0x02
0x70
0x3
0x1
0x0
0x20D
0x03
0xB0
0x4
0x0
0x0
0x1EA
0x04
0x5F
Table 256. Periodic data collection mode - CRC calculation examples...continued
12.4.3 DSI3 periodic data collection mode timing
A timing diagram for periodic data collection mode is shown in Figure 76. Timing
parameters are specified in Section 10.11.
aaa-030660
BUS_I
tSTART_PDCM, PDCM_RSPT[12;0]
tCMD_BitTime
Iq + 2 x IRESP
Iq + IRESP
Iq
CMD_Start
response
current
1st
symbol
24th
symbol
tCHIP_PDCM
tPER_PDCM
tSLEW1_RESP
tSLEW2_RESP
Figure 76. Periodic data collection mode timing diagram
12.4.4 Background diagnostic mode response transmission
12.4.4.1 Symbol encoding
The Background Diagnostic Mode response symbol encoding is the same as the symbol
encoding used for Command and Response Mode responses and is described in
Section 12.3.2.1.
12.4.4.2 Response message format
The Background Diagnostic Mode response message format is the same as the format
used for Command and Response Mode responses and is described in Section 12.3.2.2.
• If a complete 32-bit command is received and decoded to a valid Command and
Response Mode command, the device provides a Background Diagnostic Mode
response.
• Responses are initiated by the master transmitting 1-bit Broadcast Read Commands
following a completed Background Diagnostic Mode command transmission.
• Responses are transmitted in one or two symbol fragments (depending on the state
of the BDM_FRAGSIZE bit) following the 1-bit Broadcast Read Command, using the
same timing window within the frame that the Background Diagnostic Mode Command
used.
• Responses are transmitted if and only if Broadcast Read Commands are received.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
166 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com