| Electronic Components Datasheet Search |
|
FXLS93333 Datasheet(PDF) 185 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93333 Datasheet(HTML) 185 Page - NXP Semiconductors |
|
185 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor Note: If self-test has completed all retries and has failed before F10, D33 is to be transmitted, F10, D33 - D48 will include self-test data from the last failed attempt. Note: In PSI5 asynchronous mode, self-test will not be complete prior to the transmission of the F10. Setting the INIT2_EXT bit will result in invalid self-test data in D33 and D34 (0x0 values). Note: Constant values are transmitted for all fields marked as "RESERVED" 13.4.3 Internal self-test Once Initialization Phase 1 completes, the device begins its internal self-test as described in Section 11.6.2.5. If self-test fails, the device repeats self-test up to ST_RPT times. 13.4.4 Initialization phase 3 During PSI5 initialization phase 3, the device completes its internal self-checks, and transmits a combination of "Sensor Busy" or "Sensor Ready" messages as defined in Table 264. The number of "Sensor Busy" messages transmitted in initialization phase 3 varies depending on the mode of operation, and the number of self-test repetitions. Self-test is repeated on failure up to ST_RPT times to provide immunity to misuse inputs during initialization. Self-test terminates successfully after one successful self-test sequence. Once internal self-test is completed, the device transmits 2 "Sensor Ready" commands. Note: Self-test repeats are handled independently for each channel. However, both channels will exit initialization phase 3 simultaneously. If only one channel is repeating self-tests, both channels transmit "Sensor Busy" commands until either self-test has passed on both channels or the total number of repeats have completed. The ENDINIT bit is automatically set when the device exits Initialization Phase 3. 13.5 Normal mode 13.5.1 Asynchronous mode The device can be programmed to respond in asynchronous mode as specified in Section 11.2.18.1. In asynchronous mode, the device transmits data at a fixed rate (tASYNC) and will not respond to normal sync pulses. However, during initialization phase 1, the device will monitor sync pulses to decode the programming mode entry command and allow entry into programming mode. 13.5.2 Simultaneous sampling mode The device can be programmed to respond in simultaneous sampling mode by programming the SS_EN bit to "Simultaneous Sampling Mode". In simultaneous sampling mode, the most recent interpolated sensor data sample is latched at tTRIG (rising edge of Sync Pulse) and transmitted starting at the time programmed in the PDCM_RSPSTx registers, relative to tTRIG. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 185 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |