Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 188 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 188 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 184Page - NXP Semiconductors FXLS93333 Datasheet HTML 185Page - NXP Semiconductors FXLS93333 Datasheet HTML 186Page - NXP Semiconductors FXLS93333 Datasheet HTML 187Page - NXP Semiconductors FXLS93333 Datasheet HTML 188Page - NXP Semiconductors FXLS93333 Datasheet HTML 189Page - NXP Semiconductors FXLS93333 Datasheet HTML 190Page - NXP Semiconductors FXLS93333 Datasheet HTML 191Page - NXP Semiconductors FXLS93333 Datasheet HTML 192Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Parameter
Value
Default register bit values
Sensor data range
232.6 g
$40, $48: CHx_CFG_U1[1:0] = 2'b00
Sensor data sensitivity
132.06 LSB/g
$41, $49: CHx_CFG_U2[7:0] = 0x00
Sensor data low-pass filter
400 Hz, 4-Pole LPF
$40, $48: CHx_CFG_U1[7:4] = 4'b0000
Sensor data offset cancellation 0.04 Hz, 1-Pole HPF with Rate Limiting
Enabled
$43, $4B: CHx_CFG_U4[5:4] = 2'b00
Table 272. Default PSI5-P16C transmission mode, Medium g sensor data configuration
13.7 Dual transmission mode
The device can be programmed to transmit both channel 0 and channel 1 data in one
data packet if the DUALTRANS bit is set in the PSI5_CFG register. In dual transmission
mode, the source identification settings specified in Section 11.2.17.4 determine the data
transmitted as shown in Table 273 through Table 276.
SID1_EN SID0_EN Response start time
Response format
PDCM_RSTST0
No Transmission
0
0
PDCM_RSTST1
No Transmission
Start Bits
CH1_SNSDATA0
CH0_SNSDATA0
Parity
PDCM_RSTST0
S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9
P
0
1
PDCM_RSTST1
No Transmission
PDCM_RSTST0
No Transmission
Start Bits
CH1_SNSDATA1
CH0_SNSDATA1
Parity
1
0
PDCM_RSTST1
S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9
P
Start Bits
CH1_SNSDATA0
CH0_SNSDATA0
Parity
PDCM_RSTST0
S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9
P
Start Bits
CH1_SNSDATA1
CH0_SNSDATA1
Parity
1
1
PDCM_RSTST1
S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9
P
Table 273. Dual transmission mode 10-bit transmission data with parity
SID1_EN SID0_EN Response start time
Response format
PDCM_RSTST0
No Transmission
0
0
PDCM_RSTST1
No Transmission
Start Bits
CH1_SNSDATA0
CH0_SNSDATA0
CRC
PDCM_RSTST0
S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 C2 C1 C0
0
1
PDCM_RSTST1
No Transmission
PDCM_RSTST0
No Transmission
Start Bits
CH1_SNSDATA1
CH0_SNSDATA1
CRC
1
0
PDCM_RSTST1
S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 C2 C1 C0
Start Bits
CH1_SNSDATA0
CH0_SNSDATA0
CRC
PDCM_RSTST0
S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 C2 C1 C0
Start Bits
CH1_SNSDATA1
CH0_SNSDATA1
CRC
1
1
PDCM_RSTST1
S2 S1 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 C2 C1 C0
Table 274. Dual transmission mode 10-bit transmission data with CRC
SID1_EN SID0_EN Response start time
Response format
PDCM_RSTST0
No Transmission
0
0
PDCM_RSTST1
No Transmission
Table 275. Dual transmission mode 16-bit transmission data with parity
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
188 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com