Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 186 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 186 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 182Page - NXP Semiconductors FXLS93333 Datasheet HTML 183Page - NXP Semiconductors FXLS93333 Datasheet HTML 184Page - NXP Semiconductors FXLS93333 Datasheet HTML 185Page - NXP Semiconductors FXLS93333 Datasheet HTML 186Page - NXP Semiconductors FXLS93333 Datasheet HTML 187Page - NXP Semiconductors FXLS93333 Datasheet HTML 188Page - NXP Semiconductors FXLS93333 Datasheet HTML 189Page - NXP Semiconductors FXLS93333 Datasheet HTML 190Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Time (µs)
0
500
400
200
300
tLAT_INTERP + tLAT_DSI
tPDCM_RSPSTx
100
600
1000
800
900
700
aaa-030676
Figure 91. Simultaneous sampling mode
13.5.3 Synchronous sampling mode with minimum latency
The device can be programmed to respond in synchronous sampling mode with
minimum latency by programming the SS_EN bit to "Synchronous Sampling Mode".
In synchronous sampling mode, the most recent interpolated sensor data sample is
latched at the time programmed in the PDCM_RSPSTx registers, relative to tTRIG (rising
edge of Sync pulse). The data is transmitted starting at the time programmed in the
PDCM_RSPSTx registers, relative to tTRIG.
Time (µs)
0
500
400
200
300
tPDCM_RSPSTx
100
600
1000
800
900
700
aaa-030677
tLAT_INTERP + tLAT_PSI5
Figure 92. Synchronous sampling mode with minimum latency
13.6 PSI5 default mode (un-programmed PSI5 device)
Un-programmed FXLS93xxx PSI5 devices include a default PSI5 transmission mode.
The devices will respond to PSI5 sync pulses and transmit data in PSI5-P16C-500/2L
mode with the minimum user gain and the default 400 Hz, 4-Pole low-pass filter.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
186 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com