| Electronic Components Datasheet Search |
|
FXLS93333 Datasheet(PDF) 192 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93333 Datasheet(HTML) 192 Page - NXP Semiconductors |
|
192 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor initialization phase 3. Once the error is no longer present, the device will complete initialization phase 2 as necessary and then transition to initialization phase 3. Error condition Effect on initialization phase 2 Supply Error Temporary, Sync Pulses Ignored Communication Error No Effect Test Mode Enabled No Effect Offset Error No Effect Temperature Error No Effect. The device will attempt to transmit Initialization Phase 2 data. Memory Error No Effect. The device will attempt to transmit Initialization Phase 2 data. Self-test Error No Effect Device Not Locked No Effect Table 282. Initialization phase 2 error handling 13.9.3 Initialization phase 3 error handling Table 283 shows the effect of internal failure modes on the initialization phase 3 procedures. Some errors occurring in initialization phase 3 will prevent entry into run mode until the error is no longer present. Once the error is no longer present, one or more Sensor Ready commands are transmitted before entering Run Mode. Error condition Effect on initialization phase 3 Supply Error Temporary, Sync Pulses Ignored Communication Error No Effect Test Mode Enabled No Effect Offset Error No Effect Temperature Error No Effect. The device will attempt to transmit Initialization Phase 3 data. Memory Error No Effect. The device will attempt to transmit Initialization Phase 3 data. Self-test Error No Effect Device Not Locked Sensor Ready replaced with Sensor Ready, but Not Locked Transmission (UF2 Region is un-programmed) Table 283. Initialization phase 3 error handling 13.9.4 Normal mode error handling with internal error automatic clearing Section 13.9.4.1 and Section 13.9.4.2 summarize the error reporting if the PSI5_ERRLATCH bit is not set. A single error transmission clears the device status allowing for temporary error conditions to be cleared once the error condition is removed. 13.9.4.1 Standard error reporting Table 284 summarizes the error reporting in normal mode if the PSI5 error extension option is disabled. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 192 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |