| Electronic Components Datasheet Search |
|
FXLS93333 Datasheet(PDF) 196 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93333 Datasheet(HTML) 196 Page - NXP Semiconductors |
|
196 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor Start bits Sensor address Function code Register address Data CRC S2 S1 S0 Sy SA0 SA1 SA2 Sy FC0 FC1 FC2 Sy RA0 RA1 RA2 Sy RA3 RA4 RA5 Sy RA6 RA7 D0 Sy D1 D2 D3 Sy D4 D5 D6 Sy D7 C2 C1 Sy C0 0 1 0 1 1 0 0 1 0 1 0 1 0 0 0 1 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 1 0 Table 290. Programming mode via PSI5 XLONG command data format with sync bits Response RC RD1 RD0 $1E2 $3FF $3FF Table 291. Programming mode via PSI5 XLONG command data format with sync bits - response Once a command is received and verified, the device expects 2 to 3 consecutive sync pulses (depending upon the command message lengths described in Table 292). There is no delay restriction between the command and the first sync pulse for the response. Once the first sync pulse for the response is received, each successive response sync pulse must be received within the programming mode sync pulse period specified (tS- S_PM) or a framing error may occur. For each of these sync pulses, The device will respond with the following settings: Parameter Value Time Slot tTIMESLOT_DC0 Data Size 10-bit data Error Checking Even Parity Baud Rate 125 kBd Sync Pulse Pulldown Disabled Table 292. Programming mode via PSI5 response message settings 13.10.2.3 Short frame command and response format Short frames are the simplest type of command message. No data is transmitted in a short frame command. Only specific instructions are performed in response to short frame commands. The short frame format is shown in Table 293. Short frame commands and responses are defined in Section 13.10.3. The device only supports a short command for programming mode entry. Start bits Sensor address Function code CRC S2 S1 S0 Sy SA0 SA1 SA2 Sy FC0 FC1 FC2 Sy C2 C1 C0 0 1 0 1 1 0 0 1 0 0 1 1 0 0 0 Table 293. Programming mode via PSI5 short command Response RC RD1 $1E2 $3FF Table 294. Response format FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 196 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |