Electronic Components Datasheet Search
  English  ▼

X  

FXLS93333 Datasheet(PDF) 194 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 194 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 190Page - NXP Semiconductors FXLS93333 Datasheet HTML 191Page - NXP Semiconductors FXLS93333 Datasheet HTML 192Page - NXP Semiconductors FXLS93333 Datasheet HTML 193Page - NXP Semiconductors FXLS93333 Datasheet HTML 194Page - NXP Semiconductors FXLS93333 Datasheet HTML 195Page - NXP Semiconductors FXLS93333 Datasheet HTML 196Page - NXP Semiconductors FXLS93333 Datasheet HTML 197Page - NXP Semiconductors FXLS93333 Datasheet HTML 198Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Error condition
Error code Error response
Test Mode Enabled
Latched until reset
Offset Error
Latched until reset.[1]
Temperature Error
Latched until reset
Memory Error
Latched until reset
Self-test Error
0x1EA
Latched until reset.[2]
Device Not Locked
NA
NA
Table 286. Standard error reporting...continued
[1]
An offset error on either channel results in an offset error response from both channels.
[2]
A self-test error on either channel results in a self-test error response from both channels.
13.9.5.2 PSI5 error extension option
If the PSI5 error extension option is enabled, additional error reporting is available as
shown in Table 287.
Error condition
Error code Error response
Supply Error
NA
Temporary (Normal transmissions continue once condition is removed)
Communication Error
0x1EF
Temporary (Normal transmissions continue once condition is removed)
Test Mode Enabled
0x1EE
Latched until reset
Offset Error
0x1ED
Latched until reset.[1]
Temperature Error
0x1EC
Latched until reset
Memory Error
0x1EB
Latched until reset
Self-test Error
0x1EA
Latched until reset.[2]
Device Not Locked
NA
NA
Table 287. PSI5 error extension option
[1]
An offset error on either channel results in an offset error response from both channels.
[2]
A self-test error on either channel results in a self-test error response from both channels.
13.10 PSI5 programming mode
PSI5 Programming mode is a synchronous communication mode that allows for
bidirectional communication with the device. Programming mode is intended for factory
programming of the OTP array and reading of diagnostic information. It is not intended
for use in normal operation.
13.10.1 PSI5 programming mode entry
The device enters programming mode if and only if the following sequence occurs:
1. At least 31 sync pulses are detected, directly preceding the Programming Mode Entry
Short Command during the Programming Mode Entry Window shown in Figure 89.
• The window timing is defined in Section 10.12 (tPME).
• The Sync pulses and Programming Mode Entry command must be received with a
sync pulse period of tS-S_PM
If the Programming Mode entry requirement is not met:
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
194 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com