Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  IMX35 Datasheet HTML 1Page - Bel Fuse Inc. IMX35 Datasheet HTML 2Page - Bel Fuse Inc. IMX35 Datasheet HTML 3Page - Bel Fuse Inc. IMX35 Datasheet HTML 4Page - Bel Fuse Inc. IMX35 Datasheet HTML 5Page - Bel Fuse Inc. IMX35 Datasheet HTML 6Page - Bel Fuse Inc. IMX35 Datasheet HTML 7Page - Bel Fuse Inc. IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
Page 2 of 16
IMX35 Series
35 Watt Quad-Output DC-DC Converter
© 2020 Bel Power Solutions & Protection
Description
The IMX35 Series of board-mountable, 35 Watt DC-DC converters has been designed according to the latest industry requirements
and standards. The converters are particularly suitable for use in mobile or stationary applications in transport, railways, industry,
or telecommunication, where variable input voltages or high transient voltages are prevalent.
Covering a total input voltage range from 9 V up to 150 V with 4 different models, the converters are available with up to four
electrically isolated outputs from 5 V to 60 V, externally adjustable and with flexible load distribution. A shutdown input allows
remote converter on/off. Features include consistently high efficiency over the entire input voltage range, high reliability, and
excellent dynamic response to load and line changes.
The converters are designed and built according to the international safety standards IEC/EN 62368-1 3rd edition, and approved
by Nemko. The converters provide basic insulation.
The circuit is comprised of 2 planar magnetics devices, and all components are automatically assembled and securely soldered
onto a single PCB board without any wire connection. Magnetic feedback ensures maximum reliability and repeatability in the
control loop over all operating conditions. Careful considerations of possible thermal stresses ensure the absence of hot spots
providing long life in environments, where temperature cycles are present. The thermal design without using any potting material
allows operation at full load up to an ambient temperature of 71 °C in free air and operation up to 105 °C with airflow. For extremely
high vibration environments the case has holes for screw mounting.
Model Selection
Table 1: Model Selection
Output 1
Output 2
Output 3
Output 4
Input voltage
Efficiency 1
Model
Options 2
V
o nom
[VDC]
I
o nom
[mA]
V
o nom
[VDC]
I
o nom
[mA]
V
o nom
[VDC]
I
o nom
[mA]
V
o nom
[VDC]
I
o nom
[mA]
V
i min to Vi max
[VDC]
η
min
[%]
η
max
[%]
5
5
5
5
1.35
1.4
1.4
1.4
5
5
5
5
1.35
1.4
1.4
1.4
5
5
5
5
1.35
1.4
1.4
1.4
5
5
5
5
1.35
1.4
1.4
1.4
9 to 36
18 to75
40 to 121
60 to 150 2
82.5
82
83
82
84.5
84
85
84
20IMX35D05D05-8G
40IMX35D05D05-8G
70IMX35D05D05-8G
110IMX35D05D05-8G
i,
Z,
non-G
12
12
12
12
0.65
0.7
0.7
0.7
12
12
12
12
0.65
0.7
0.7
0.7
12
12
12
12
0.65
0.7
0.7
0.7
12
12
12
12
0.65
0.7
0.7
0.7
9 to 36
18 to75
40 to 121
60 to 150 2
83.5
83.5
84.5
84
85.5
85.5
86.5
86
20IMX35D12D12-8G
40IMX35D12D12-8G
70IMX35D12D12-8G
110IMX35D12D12-8G
15
15
15
15
0.55
0.6
0.6
0.6
15
15
15
15
0.55
0.6
0.6
0.6
15
15
15
15
0.55
0.6
0.6
0.6
15
15
15
15
0.55
0.6
0.6
0.6
9 to 36
18 to75
40 to 121
60 to 150 2
84
83.5
84
83
86
85.5
86
85
20IMX35D15D15-8G
40IMX35D15D15-8G
70IMX35D15D15-8G
110IMX35D15D15-8G
5
5
5
5
1.35
1.4
1.4
1.4
12
12
12
12
0.65
0.7
0.7
0.7
12
12
12
12
0.65
0.7
0.7
0.7
5
5
5
5
1.35
1.4
1.4
1.4
9 to 36
18 to75
40 to 121
60 to 150 2
84
84
84
83.5
86
86
86
85.5
20IMX35D05D12-8G
40IMX35D05D12-8G
70IMX35D05D12-8G
110IMX35D05D12-8G
5
5
5
5
1.35
1.4
1.4
1.4
15
15
15
15
0.55
0.6
0.6
0.6
15
15
15
15
0.55
0.6
0.6
0.6
5
5
5
5
1.35
1.4
1.4
1.4
9 to 36
18 to75
40 to 121
60 to 150 2
83.5
83.5
84
84
85.5
85.5
86
86
20IMX35D05D15-8G
40IMX35D05D15-8G
70IMX35D05D15-8G
110IMX35D05D15-8G
1
Efficiency at T
A = 25 °C, Vo nom, Io nom
2
154 V for 2 s.
Product Marking
Converters without option Z are marked with type designation, input and output voltages and currents, applicable safety approval
and recognition marks, company logo, production date, and serial no.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com