Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  IMX35 Datasheet HTML 1Page - Bel Fuse Inc. IMX35 Datasheet HTML 2Page - Bel Fuse Inc. IMX35 Datasheet HTML 3Page - Bel Fuse Inc. IMX35 Datasheet HTML 4Page - Bel Fuse Inc. IMX35 Datasheet HTML 5Page - Bel Fuse Inc. IMX35 Datasheet HTML 6Page - Bel Fuse Inc. IMX35 Datasheet HTML 7Page - Bel Fuse Inc. IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
Page 5 of 16
IMX35 Series
35 Watt Quad-Output DC-DC Converter
© 2020 Bel Power Solutions & Protection
Inrush Current
The inrush current has been made as low as possible by choosing a very small input capacitance. A series resistor may be installed
in the input line to further reduce this current.
t
04022b
0
20
40
60
80
100 µs
4
3
2
1
A
Vo nom
Vo
tstartup
trise
t
04008b
Fig. 2
Typical inrush current at V
i nom, Po nom versus time (40IMX35).
Source impedance according to ETS 300132-2 at V
i nom.
Fig. 3
Converter start-up and rise time (see table 2)
Reverse Polarity Protection
The built-in suppressor diode also provides for reverse polarity protection at the input by conducting current in the reverse
direction. An external fuse is required to limit this current.
Table 3: Recommended external fuses in the non-earthed input line
Model
Fuse type
20IMX35
F 8.0 A
40IMX35
F 4.0 A
70IMX35
F 2.0 A
110IMX35
F 1.5 A
Input Transient Voltage Protection
A built-in suppressor diode provides effective protection against input transients, which may be generated for example by short-
circuits across the input lines, where the network inductance may cause high energy pulses.
Table 4: Built-in transient voltage suppressor
Model
Breakdown voltage
V
BR nom [V]
Peak power at 1 ms
P
P [Ω]
Peak pulse current
I
PP [A]
20IMX35
39
1500
22
40IMX35
100
1500
9.7
70IMX35
151
600
2.9
110IMX35
176
600
2.5
For very high energy transients as for example to achieve IEC/EN 61000-4-5 compliance (as per table Electromagnetic Immunity)
an external inductor and capacitor are required. The components should have similar characteristics as listed in table below.
Table 5:
Components for external circuitry for IEC/EN 61000-4-5, level 2
Model
Inductor (L)
Capacitor (C1 , C2)
Diode (D)
20IMX35 1.45 mH / 5 A
C1, C2: 220 μF / 50 V
1.5 k E47A
40IMX35
4 mH / 3 A
C1, C2: 100 μF / 100 V
---
70IMX35
4 mH / 1.5 A
C1: 120 μF / 160 V
C2: 240 μF / 160 V
---
110IMX35 4.5 mH / 1.5 A
C1: 120 μF / 200 V
C2: 240 μF / 200 V
---
Vi+
Vi–
C
2
L
D
+
C
1
+
IMX35
Fig. 4
Example for external circuitry to comply with IEC/EN 61000-4-5;
the diode D is only necessary for 20IMX35 models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com