Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  IMX35 Datasheet HTML 1Page - Bel Fuse Inc. IMX35 Datasheet HTML 2Page - Bel Fuse Inc. IMX35 Datasheet HTML 3Page - Bel Fuse Inc. IMX35 Datasheet HTML 4Page - Bel Fuse Inc. IMX35 Datasheet HTML 5Page - Bel Fuse Inc. IMX35 Datasheet HTML 6Page - Bel Fuse Inc. IMX35 Datasheet HTML 7Page - Bel Fuse Inc. IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
Page 3 of 16
IMX35 Series
35 Watt Quad-Output DC-DC Converter
© 2020 Bel Power Solutions & Protection
Part Number Description
Input voltage range V
i
9 to 36 VDC............................................ 20
18 to 75 VDC............................................ 40
40 to 121 VDC............................................ 70
60 to 150 VDC...........................................110
Series ....................................................................... IMX35
Outputs 1 and 4 (1st power train) .................D05, D12, D15
Outputs 2 and 3 (2nd power train) ................D05, D12, D15
Operating ambient temperature range
T
A = – 40 to 85 °C ..................................... -8
Options:
Inhibit.............................................................-i
Open frame .................................................. Z
RoHS compliant for all six substances....... G
40 IMX35 -D05 D05 -8 i Z G
Note: The sequence of options must follow the order above !
NFND: Not for new designs.
Preferred for new designs.
Functional Description
The IMX35 converters are comprised of 2 feedback-controlled interleaved-switching flyback powertrains using current mode control.
Each converter consists of 4 electrically isolated outputs deriving from the 2 power trains. Vo1, Vo4 derive from the first powertrain
and Vo2, Vo3 from the second one. Thus each pair of outputs is independent from the other one.
Voltage regulation for each pair of outputs is achieved with passive transformer feedback from the main transformer of the powertrain.
Each pair of outputs has the same output voltage (i.e. D05, D12, etc.). If both powertrains have the same nominal output voltage (e.g.
D12D12), all outputs may be simultaneously adjusted by the Trim input (pin 5). In case of different output voltages (e.g. D05D15), the
Trim1 input influences only Vo1 and Vo4.
Current limitation is provided on the primary side for each powertrain and limits the possible output power for each pair of outputs. In
the case of an overload on either of the power trains, which causes the output voltage to fall to less than typically 70% of V
o nom, the
entire converter shuts down and automatically restart in short intervals (hiccup mode).
The incorporated overtemperature protection shuts down the hole converter in the case of overtemperature and resumes automatically
after cooling down.
PWM
4
8
1
Vi+
SD
PUL
5
Trim/Trim1
6
W
7
Ref
2
Vi–
16
15
17
18
13
14
12
11
Vo4–
Vo1+
Vo1–
Vo4+
Vo2+
Vo2–
Vo3+
Vo3–
03098b
3
n.c.
19
n.c.
Fig. 1
Block diagram of quad-output models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com