Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  IMX35 Datasheet HTML 1Page - Bel Fuse Inc. IMX35 Datasheet HTML 2Page - Bel Fuse Inc. IMX35 Datasheet HTML 3Page - Bel Fuse Inc. IMX35 Datasheet HTML 4Page - Bel Fuse Inc. IMX35 Datasheet HTML 5Page - Bel Fuse Inc. IMX35 Datasheet HTML 6Page - Bel Fuse Inc. IMX35 Datasheet HTML 7Page - Bel Fuse Inc. IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
IMX35 Series
35 Watt Quad-Output DC-DC Converter
Features
• Extremely wide input voltage ranges up to 150 VDC
• 4 outputs up to 60 V
• RoHS lead-free-solder and lead-solder-exempted
products available
• 5 year warranty for RoHS lead-free-solder products
• 1500 to 1800 VAC i/o electric strength test
• Electrical isolation between outputs
• Programmable input undervoltage lockout
• Shutdown/inhibit input
• Adjustable output voltages with flexible load distribution
• Frequency synchronization
• Outputs no-load, overload, and short-circuit proof
• Operating ambient temperature from –40 to 85 °C
• Thermal protection
• Low profile: 10.5 mm or 8.9 mm with open frame
• Basic insulation
• Flexible output possibilities between 5 V and 60 V
Safety-approved to the latest edition of
IEC/EN 62368-1 3rd edition and UL/CSA 60950-1 2nd edition
Table of Contents
Description............................................................................2
Model Selection....................................................................2
Functional Description..........................................................3
Electrical Input Data .............................................................4
Electrical Output Data...........................................................6
Auxiliary Functions .............................................................10
Electromagnetic Compatibility (EMC).................................12
Immunity to Environmental Conditions...............................13
Mechanical Data.................................................................14
Safety and Installation Instructions.....................................14
Description of Options ........................................................16
76.2
3"
63.5
2.5"
10.5
0.41"
72.8
2.87"
47.8
1.88"
8.9
0.35"
1
1
70/110IMX35 models


Similar Part No. - IMX35

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
35 Watt DC-DC Converters
logo
Freescale Semiconductor...
IMX35 FREESCALE-IMX35 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Automotive Products
IMX35 FREESCALE-IMX35 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
logo
Sony Corporation
IMX350 SONY-IMX350 Datasheet
127Kb / 2P
Diagonal 6.475 mm (Type 1/2.78) 20Mega-Pixel CMOS Image Sensor with Square Pixel for Color Cameras
logo
Freescale Semiconductor...
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
More results

Similar Description - IMX35

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
35 Watt DC-DC Converters
logo
Murata Power Solutions ...
HPR100WC MURATA-PS-HPR100WC Datasheet
148Kb / 4P
0.75 Watt Single Output DC/DC Converter
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
0.75 Watt Single Output DC/DC Converter
logo
Murata Manufacturing Co...
VKA100 MURATA-VKA100 Datasheet
344Kb / 4P
100 Watt Adjustable Output DC/DC Converter
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
110IMX35D15D15-8 POWER-ONE-110IMX35D15D15-8 Datasheet
474Kb / 15P
IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Bothhand USA, LP.
B3-0515D3-LF BOTHHAND-B3-0515D3-LF Datasheet
918Kb / 6P
3 Watt Dual Output DC-DC Converter
B3-0515D3LF BOTHHAND-B3-0515D3LF Datasheet
918Kb / 6P
3 Watt Dual Output DC-DC Converter
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
1 Watt DC/DC Converter Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com