Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button IMX35 Datasheet HTML 3Page - Bel Fuse Inc. IMX35 Datasheet HTML 4Page - Bel Fuse Inc. IMX35 Datasheet HTML 5Page - Bel Fuse Inc. IMX35 Datasheet HTML 6Page - Bel Fuse Inc. IMX35 Datasheet HTML 7Page - Bel Fuse Inc. IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. IMX35 Datasheet HTML 10Page - Bel Fuse Inc. IMX35 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
Page 7 of 16
IMX35 Series
35 Watt Quad-Output DC-DC Converter
© 2020 Bel Power Solutions & Protection
Thermal Considerations
If a converter, mounted on a PCB, is located in free, quasi-stationary air (convection cooling) at the indicated maximum ambient
temperature T
A max (see table Temperature specifications) and is operated at its nominal input voltage and output power, the case
temperature T
C (TC Z with option Z) measured at the measuring point of case temperature (see Mechanical Data) will approach the
indicated value T
C max after the warm-up phase. However, the relationship between TA and TC depends heavily on the conditions of
operation and integration into a system. The thermal conditions are influenced by input voltage, output current, airflow, temperature
of surrounding components and the surfaces and properties of the printed circuit board. T
A max is therefore only an indicative value,
and under practical operating conditions, the ambient temperature T
A may be higher or lower than this value.
Caution: The case temperature T
C (or TC Z) measured at the measuring point of case temperature (see Mechanical Data) may under no
circumstances exceed the specified maximum value. The installer must ensure that under all operating conditions T
C (or TC Z) remains within
the limits stated in the table Temperature specifications.
The converters provide the specified output power with free air convection cooling. In the upper temperature range the output
power derating below should be observed.
1.0
0.8
0.6
0.4
0
0.2
20
40
60
80
100
°C
Po/Po max
11047-X35a
TA
0.5 m/s = 100 LFM
natural cooling
Fig. 5
Maximum allowed output power versus ambient temperature (models with and without option Z)
Overtemperature Protection
The converter is protected against possible overheating by means of an internal temperature monitoring circuit located on the
primary side. It shuts down the converter above the internal temperature limit and attempts to restart automatically. This feature
prevents excessive internal temperature building up which could occur under overload conditions.
Short Circuit Behavior
The current limit characteristic shuts down the converter whenever a short circuit is applied to an output. It acts self-protecting and
automatically recovers after removal of the overload condition (hiccup mode).
70
100
Vo [%]
t
05041b
0.3 s
overload short-circuit condition
switch-off
0
Fig. 6
Overload switch off (hiccup mode), typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com