Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button IMX35 Datasheet HTML 6Page - Bel Fuse Inc. IMX35 Datasheet HTML 7Page - Bel Fuse Inc. IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. IMX35 Datasheet HTML 10Page - Bel Fuse Inc. IMX35 Datasheet HTML 11Page - Bel Fuse Inc. IMX35 Datasheet HTML 12Page - Bel Fuse Inc. IMX35 Datasheet HTML 13Page - Bel Fuse Inc. IMX35 Datasheet HTML 14Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
Page 10 of 16
IMX35 Series
35 Watt Quad-Output DC-DC Converter
© 2020 Bel Power Solutions & Protection
Auxiliary Functions
Adjustable Output Voltage
As a standard feature, the IMX35 offer adjustable output voltages in the range of 85 to 105% of V
o nom. Fig. 13 shows the schematic
diagram for the adjustment of quad-output models.
All models with equal output voltages have a Trim input at pin 5 referenced to the primary side, influencing all outputs simultaneously.
Models with different output voltages exhibit a Trim1 input, influencing only the first power train (V
o1 and Vo4).
Adjustment by means of an external resistor R
ext:
Trim
Vo1+
Vo2–
+
Vext
–
Vi+
Vi–
Rext
Vo1–
Vo2+
06137c
Control
circuit
Vref = 2.5 V
4
5
2
16
15
13
14
Fig. 13
Output voltage control by means of the Trim input
Table 7: R
ext for Vo > Vo nom;
approximate values (V
i nom, Io = 0.5 Io nom)
V
o [%Vo nom]
R
ext [kΩ]
Trim
Trim 1
105 to 108 (107 typically)
105
102
100
0
10
62
∞
0
17
110
∞
Table 8: V
o versus Vext for Vo = 85 to 105% Vo nom;
typical values (V
i nom, Io = 0.5 Io nom)
V
o [%Vo nom]
V
ext [V]
Trim
[V]
Trim 1
[V]
> 105
102
100
95
90
85
0
1.8
2.5
4.3
6.2
8
0
1.5
2.5
4.25
6.2
8
Adjustment of the output voltage by means of an external resistor R
ext is possible within the range of 100 to 105% of Vo nom. Rext
should be connected between Trim (pin 5) and Vi– (pin 2). The following table indicates suitable resistor values for typical output
voltages under nominal conditions (V
i nom, Io = 0.5 Io nom).
Note: Connection of R
ext to Vi+ may damage the converter.
Adjustment by means of an external voltage source V
ext
For external output voltage adjustment in the range 85 to 105% of V
o nom a voltage source Vext (0 to 20 V) is required, connected to
Trim or Trim1 (pin 5) and Vi–. The table below indicates typical values V
o versus Vext. Applying a control voltage of 15 to 20 V will
set the converter into the hiccup mode. Direct paralleling of the Trim pins of converters of the same type connected in parallel is
feasible.
Synchronization (W)
It is possible to synchronize the switching frequency of one or more converters to an external clock signal.
This logic input W can be used to synchronize the oscillator to an external frequency source. This signal is edge-triggered with TTL
thresholds and requires a source frequency of 490 to 540 kHz (duty cycle 10 to 90%). The external source frequency is internally
divided by 2 to define the switching frequency of the converter. If unused, this pin can be connected to V1– (pin 2) or left open-circuit.
Reference Output (Ref)
The converter provides a stable 5 V (±0.1 V) reference signal on pin 7 (Ref). The output is protected by a 1 kΩ resistor. The signal
may be used also in conjunction with the Trim input (pin 5) as a limited external voltage reference.
It is recommended to connect a filter capacitor (0.1 µF) between Ref and Vi–, if Ref is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com