Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button IMX35 Datasheet HTML 4Page - Bel Fuse Inc. IMX35 Datasheet HTML 5Page - Bel Fuse Inc. IMX35 Datasheet HTML 6Page - Bel Fuse Inc. IMX35 Datasheet HTML 7Page - Bel Fuse Inc. IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. IMX35 Datasheet HTML 10Page - Bel Fuse Inc. IMX35 Datasheet HTML 11Page - Bel Fuse Inc. IMX35 Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
Page 8 of 16
IMX35 Series
35 Watt Quad-Output DC-DC Converter
© 2020 Bel Power Solutions & Protection
Series and Parallel Connection
The outputs of one or several double-output powertrains may be connected in series respecting the current limitation.
Both outputs of the same powertrain can always be connected in parallel in will behave like a single output.
Several outputs of the same converter with equal output voltage (e.g. 5 V / 5 V) can be connected in parallel and will share their
output currents almost equally.
If outputs of the same converter are being parallel and series-connected, it is recommended that outputs from the same powertrains
are parallel-connected first. This applies for instance, if 24 V shall be generated by a converter with four 12 V outputs; see fig. 7.
PWM
4
8
1
Vi+
SD
PUL
5
Trim
6
W
7
Ref
2
Vi–
16
15
17
18
13
14
12
11
Vo4–
Vo1+
Vo1–
Vo4+
Vo2+
Vo2–
Vo3+
Vo3–
3
n.c.
19
JM138a
n.c.
–24V
+24V
IMX35D12D12
Fig. 7
Generating 24 V with an IMX35D12D12-8
Note: Parallel operation of several converters may cause start-up problems. This becomes noticeable in applications, where one converter is
not able to deliver the full resistive and capacitive load current alone, as it is required in true redundant systems.
Typical Performance Curves
General conditions:
– T
A = 25 °C, unless TC is specified.
– Shut down and Trim pin left open-circuit.
8
9
10
11
12
13
Vo [V]
0.5
1
1.5
2
A
Io total
0
05020-X35
11.5
12
12.5
13
13.5
Vo4 [V]
0.06
0.2
0.3
0.4
0.5
0.6
0.7 A
0.1
05164b
Io4 = 0.35 A
Io4 = 0.035 A
Io1
Fig. 8
V
o versus Io (typ.) of a double-output power train, with both
outputs in parallel (e.g., V
o1/4 of a 40IMX35D12D12)
Fig. 9
Cross load regulation (typ.) on powertrain 1. V
o4 versus Io1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com