Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # IMX35
Description  35 Watt Quad-Output DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX35 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button IMX35 Datasheet HTML 7Page - Bel Fuse Inc. IMX35 Datasheet HTML 8Page - Bel Fuse Inc. IMX35 Datasheet HTML 9Page - Bel Fuse Inc. IMX35 Datasheet HTML 10Page - Bel Fuse Inc. IMX35 Datasheet HTML 11Page - Bel Fuse Inc. IMX35 Datasheet HTML 12Page - Bel Fuse Inc. IMX35 Datasheet HTML 13Page - Bel Fuse Inc. IMX35 Datasheet HTML 14Page - Bel Fuse Inc. IMX35 Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD20009-G Rev F, 20-Nov-2020
Page 11 of 16
IMX35 Series
35 Watt Quad-Output DC-DC Converter
© 2020 Bel Power Solutions & Protection
Shutdown
The outputs of the converters may be enabled or disabled by means of a logic signal (TTL, CMOS, etc.) applied to shutdown (pin 8).
If the shutdown function is not required, pin 8 should be left open-circuit:
Converter operating:
2.0 to 20 V
Converter disabled:
–10 to +0.7 V
Progr. Input Undervoltage Lockout PUL
A special feature of the converter (with Rev. BA or later) is the adjustable undervoltage lockout protection, which protects the
converter (and the system) from high current caused by operation at low input voltages. This ensures easier start-up in distributed
power systems.
The table below shows the band of switch on/off and the hysteresis.
Table 9: Trigger level and hysteresis (pin 1 left open)
Model
Trigger level
Hysteresis
Unit
20IMX35
7 to 8
<0.5
V
40IMX35
14 to 15.5
<1
70IMX35
31 to 34
<3
110IMX35
42 to 50
< 8
The undervoltage lockout levels may be programmed by using an external resistor R
PUL between PUL and Vi – to increase the
preset levels as specified in table 10.
Table 10: Typical values for R
PUL and the respective lockout voltage for input voltage.
20IMX35
40IMX35
R
PUL [kΩ]
V
i min [V]
R
PUL [kΩ]
V
i min [V]
∞
≤8
∞
≤15.5
39
10
43
22
19
12
16
26
13
14
10
28
9.1
16
0
32
70IMX35
110IMX35
R
PUL [kΩ]
V
i min [V]
R
PUL [kΩ]
V
i min [V]
∞
31
∞
42
270
40
270
50
110
50
120
60
80
55
51
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com