Electronic Components Datasheet Search
  English  ▼

X  

AT45DB161E Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB161E Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button AT45DB161E Datasheet HTML 36Page - Dialog Semiconductor AT45DB161E Datasheet HTML 37Page - Dialog Semiconductor AT45DB161E Datasheet HTML 38Page - Dialog Semiconductor AT45DB161E Datasheet HTML 39Page - Dialog Semiconductor AT45DB161E Datasheet HTML 40Page - Dialog Semiconductor AT45DB161E Datasheet HTML 41Page - Dialog Semiconductor AT45DB161E Datasheet HTML 42Page - Dialog Semiconductor AT45DB161E Datasheet HTML 43Page - Dialog Semiconductor AT45DB161E Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
39
AT45DB161E
DS-AT45DB161E–8782N–03-2021
The Ultra-Deep Power-Down command is ignored if an internally self-timed operation such as a program or erase
cycle is in progress. The Ultra-Deep Power-Down command must be reissued after the internally self-timed
operation has been completed in order for the device to enter the Ultra-Deep Power-Down mode.
Figure 11-3. Ultra-Deep Power-Down Timing
11.3 Exit Ultra-Deep Power-Down
To exit from the Ultra-Deep Power-Down mode, the CS pin must be pulsed by asserting the CS pin, waiting the
minimum necessary tCSLU time, and then deasserting the CS pin again. To facilitate simple software development,
a dummy byte opcode can also be entered while the CS pin is being pulsed just as in a normal operation like the
Program Suspend operation; the dummy byte opcode is ignored by the device in this case. After the CS pin has
been deasserted, the device exits from the Ultra-Deep Power-Down mode and return to the standby mode within a
maximum time of tXUDPD. If the CS pin is reasserted before the tXUDPD time has elapsed in an attempt to start a new
operation, then that operation is ignored and nothing is performed. The system must wait for the device to return to
the standby mode before normal command operations such as Continuous Array Read can be resumed.
Since the contents of the SRAM buffers cannot be maintained while in the Ultra-Deep Power-Down mode, the
SRAM buffers contains undefined data when the device returns to the standby mode.
Figure 11-4. Exit Ultra-Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
0
67
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tEUDPD
1111001
CS
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tXUDPD
tCSLU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com