Electronic Components Datasheet Search
  English  ▼

X  

AT45DB161E Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB161E Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AT45DB161E Datasheet HTML 18Page - Dialog Semiconductor AT45DB161E Datasheet HTML 19Page - Dialog Semiconductor AT45DB161E Datasheet HTML 20Page - Dialog Semiconductor AT45DB161E Datasheet HTML 21Page - Dialog Semiconductor AT45DB161E Datasheet HTML 22Page - Dialog Semiconductor AT45DB161E Datasheet HTML 23Page - Dialog Semiconductor AT45DB161E Datasheet HTML 24Page - Dialog Semiconductor AT45DB161E Datasheet HTML 25Page - Dialog Semiconductor AT45DB161E Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
21
AT45DB161E
DS-AT45DB161E–8782N–03-2021
A program operation is not allowed to a sector that has been erase suspended. If a program operation is attempted
to an erase suspended sector, then the program operation aborts.
During an Erase Suspend, a program operation to a different 128-kB sector can be started and subsequently
suspended. This results in a simultaneous Erase Suspend/Program Suspend condition and is indicated by the
states of both the ES and PS1 or PS2 bits in the Status Register being set to a logic 1.
If a Reset command is performed, or if the RESET pin is asserted while a sector is erase suspended, then the
suspend operation is aborted and the contents of the sector are left in an undefined state. However, if a reset is
performed while a page is program or erase suspended, the suspend operation aborts, but only the contents of the
page being programmed or erased are undefined; the remaining pages in the 128-kB sector retain their previous
contents.
Table 7-4.
Operations Allowed and Not Allowed During Suspend
Command
Operation During
Program Suspend in
Buffer 1 (PS1)
Operation During
Program Suspend in
Buffer 2 (PS2)
Operation During
Erase Suspend (ES)
Read Commands
Read Array (All Opcodes)
Allowed
Allowed
Allowed
Read Buffer 1 (All Opcodes)
Allowed
Allowed
Allowed
Read Buffer 2 (All Opcodes)
Allowed
Allowed
Allowed
Program and Erase Commands
Buffer 1 Write
Not Allowed
Allowed
Allowed
Buffer 2 Write
Allowed
Not Allowed
Allowed
Buffer 1 to Memory Program w/ Erase
Not Allowed
Not Allowed
Not Allowed
Buffer 2 to Memory Program w/ Erase
Not Allowed
Not Allowed
Not Allowed
Buffer 1 to Memory Program w/o Erase
Not Allowed
Not Allowed
Allowed
Buffer 2 to Memory Program w/o Erase
Not Allowed
Not Allowed
Allowed
Memory Program through Buffer 1 w/ Erase
Not Allowed
Not Allowed
Not Allowed
Memory Program through Buffer 2 w/ Erase
Not Allowed
Not Allowed
Not Allowed
Memory Program through Buffer 1 w/o Erase
Not Allowed
Not Allowed
Allowed
Auto Page Rewrite
Not Allowed
Not Allowed
Not Allowed
Page Erase
Not Allowed
Not Allowed
Not Allowed
Block Erase
Not Allowed
Not Allowed
Not Allowed
Sector Erase
Not Allowed
Not Allowed
Not Allowed
Chip Erase
Not Allowed
Not Allowed
Not Allowed
Protection and Security Commands
Enable Sector Protection
Not Allowed
Not Allowed
Not Allowed
Disable Sector Protection
Not Allowed
Not Allowed
Not Allowed
Erase Sector Protection Register
Not Allowed
Not Allowed
Not Allowed
Program Sector Protection Register
Not Allowed
Not Allowed
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com