Electronic Components Datasheet Search
  English  ▼

X  

AT45DB161E Datasheet(PDF) 64 Page - Dialog Semiconductor

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB161E Datasheet(HTML) 64 Page - Dialog Semiconductor

Back Button AT45DB161E Datasheet HTML 60Page - Dialog Semiconductor AT45DB161E Datasheet HTML 61Page - Dialog Semiconductor AT45DB161E Datasheet HTML 62Page - Dialog Semiconductor AT45DB161E Datasheet HTML 63Page - Dialog Semiconductor AT45DB161E Datasheet HTML 64Page - Dialog Semiconductor AT45DB161E Datasheet HTML 65Page - Dialog Semiconductor AT45DB161E Datasheet HTML 66Page - Dialog Semiconductor AT45DB161E Datasheet HTML 67Page - Dialog Semiconductor AT45DB161E Datasheet HTML 68Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
63
AT45DB161E
DS-AT45DB161E–8782N–03-2021
Figure 25-4. Buffer Read
CS
SI (Input)
SO (Output)
n
CMD
X
X... X, BFA9-8
BFA7-0
X
Address for Binary Page Size
A20-A16
A15-A8
A7-A0
n
n + 1
No Dummy Byte (opcodes D1H and D3H)
1 Dummy Byte (opcodes D4H and D6H)
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com