Electronic Components Datasheet Search
  English  ▼

X  

AT45DB161E Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB161E Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button AT45DB161E Datasheet HTML 33Page - Dialog Semiconductor AT45DB161E Datasheet HTML 34Page - Dialog Semiconductor AT45DB161E Datasheet HTML 35Page - Dialog Semiconductor AT45DB161E Datasheet HTML 36Page - Dialog Semiconductor AT45DB161E Datasheet HTML 37Page - Dialog Semiconductor AT45DB161E Datasheet HTML 38Page - Dialog Semiconductor AT45DB161E Datasheet HTML 39Page - Dialog Semiconductor AT45DB161E Datasheet HTML 40Page - Dialog Semiconductor AT45DB161E Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
36
AT45DB161E
DS-AT45DB161E–8782N–03-2021
10.4.5 PAGE SIZE Bit
The PAGE SIZE bit indicates whether the buffer size and the page size of the main memory array is configured for
the “power of 2” binary page size (512 bytes) or the standard DataFlash page size (528 bytes).
10.4.6 EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one
byte during the erase or program operation did not erase or program properly, then the EPE bit is set to the logic 1
state. The EPE bit is not set if an erase or program operation aborts for any reason, such as an attempt to erase or
program a protected region or a locked down sector or an attempt to erase or program a suspended sector. The
EPE bit is updated after every erase and program operation.
10.4.7 SLE Bit
The SLE bit indicates whether or not the Sector Lockdown command is enabled or disabled. If the SLE bit is a logic
1, then the Sector Lockdown command is still enabled and sectors can be locked down. If the SLE bit is a logic 0,
then the Sector Lockdown command has been disabled and no further sectors can be locked down.
10.4.8 PS2 Bit
The PS2 bit indicates if a program operation has been suspended while using Buffer 2. If the PS2 bit is a logic 1,
then a program operation has been suspended while Buffer 2 was being used, and any command attempts that
can modify the contents of Buffer 2 are ignored.
10.4.9 PS1 Bit
The PS1 bit indicates if a program operation has been suspended while using Buffer 1. If the PS1 bit is a logic 1,
then a program operation has been suspended while Buffer 1 was being used, and any command attempts that
can modify the contents of Buffer 1 are ignored.
10.4.10 The ES bit
The ES bit indicates whether or not an erase has been suspended. If the ES bit is a logic 1, then an erase
operation (page, block, sector, or chip) has been suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com