Electronic Components Datasheet Search
  English  ▼

X  

AT45DB161E Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB161E Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button AT45DB161E Datasheet HTML 15Page - Dialog Semiconductor AT45DB161E Datasheet HTML 16Page - Dialog Semiconductor AT45DB161E Datasheet HTML 17Page - Dialog Semiconductor AT45DB161E Datasheet HTML 18Page - Dialog Semiconductor AT45DB161E Datasheet HTML 19Page - Dialog Semiconductor AT45DB161E Datasheet HTML 20Page - Dialog Semiconductor AT45DB161E Datasheet HTML 21Page - Dialog Semiconductor AT45DB161E Datasheet HTML 22Page - Dialog Semiconductor AT45DB161E Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
18
AT45DB161E
DS-AT45DB161E–8782N–03-2021
The device also incorporates an intelligent erase and programming algorithm that can detect when a byte location
fails to erase or program properly. If an erase or program error arises, it is indicated by the EPE bit in the Status
Register.
The Read-Modify-Write command uses the same opcodes as the Auto Page Rewrite command. If no data bytes
are clocked into the device, then the device performs an Auto Page Rewrite operation. See the Auto Page Rewrite
command description on page 26 for more details.
7.7
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array allowing the
Buffer to Main Memory Page Program without Built-In Erase command or the Main Memory Byte/Page Program
through Buffer 1 command to be used at a later time.
To perform a Page Erase with the standard DataFlash page size (528 bytes), an opcode of 81h must be clocked
into the device followed by three address bytes comprised of two dummy bits, 12 page address bits (PA11 - PA0)
that specify the page in the main memory to be erased, and 10 dummy bits.
To perform a Page Erase with the binary page size (512 bytes), an opcode of 81h must be clocked into the device
followed by three address bytes comprised of three dummy bits, 12 page address bits (A20 - A9) that specify the
page in the main memory to be erased, and nine dummy bits.
When a low-to-high transition occurs on the CS pin, the device erases the selected page (the erased state is a
logic 1). The erase operation is internally self-timed and takes a maximum time of tPE. During this time, the
RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.
7.8
Block Erase
The Block Erase command can be used to erase a block of eight pages at one time. This command is useful when
needing to pre-erase larger amounts of memory and is more efficient than issuing eight separate Page Erase
commands.
To perform a Block Erase with the standard DataFlash page size (528 bytes), an opcode of 50h must be clocked
into the device followed by three address bytes comprised of two dummy bits, nine page address bits (PA11 -
PA3), and 13 dummy bits. The nine page address bits are used to specify which block of eight pages is to be
erased.
To perform a Block Erase with the binary page size (512 bytes), an opcode of 50h must be clocked into the device
followed by three address bytes comprised of three dummy bits, nine page address bits (A20 - A12), and 12
dummy bits. The nine page address bits are used to specify which block of eight pages is to be erased.
When a low-to-high transition occurs on the CS pin, the device erases the selected block of eight pages. The erase
operation is internally self-timed and takes a maximum time of tBE. During this time, the RDY/BUSY bit in the Status
Register indicates that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com